Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1967 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1967
Description  Low Drive Power Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1967 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1967 Datasheet HTML 1Page - IXYS Corporation CPC1967 Datasheet HTML 2Page - IXYS Corporation CPC1967 Datasheet HTML 3Page - IXYS Corporation CPC1967 Datasheet HTML 4Page - IXYS Corporation CPC1967 Datasheet HTML 5Page - IXYS Corporation CPC1967 Datasheet HTML 6Page - IXYS Corporation CPC1967 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1967-R08
www.ixysic.com
1
e3
Characteristics
Features
• 3.35A
rms Load Current with 5°C/W Heat Sink
• Low 0.85
 On-Resistance
• 400V
P Blocking Voltage
• 2500V
rms Input/Output Isolation
• Low Thermal Resistance:
JC = 0.35 °C/W
• Isolated, Low Thermal Impedance Ceramic Pad for
Heat Sink Applications
• Low Drive Power Requirements
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
• Industrial Controls / Motor Control
• Robotics
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Transportation Equipment
• Aerospace/Defense
Approvals
• UL 508 Recognized Component: File E69938
Pin Configuration
Description
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability
and compact size to a new family of high power Solid
State Relays.
As part of this family, the CPC1967 single-pole
normally open (1-Form-A) Solid State Power Relay is
rated for up to 3.35Arms continuous load current with a
5°C/W heat sink.
The CPC1967 employs optically coupled MOSFET
technology to provide 2500Vrms of input to output
isolation. The optically coupled outputs, that use
patented OptoMOS architecture, are controlled by a
highly efficient infrared LED. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance switching applications.
The unique i4-PAC package pioneered by IXYS
enables Solid State Relays to achieve the highest load
current and power ratings. This package features a
unique IXYS process where the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the traditional copper leadframe.
The DCB ceramic, the same substrate used in high
power modules, not only provides 2500Vrms isolation,
but also very low junction-to-case thermal resistance
(0.35 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
400
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
3.35
Arms / ADC
No Heat Sink
1.35
On-Resistance (max)
0.85
Thermal Resistance,
Junction-to-Case,
JC
0.35
°C/W
Part
Description
CPC1967J
i4-PAC Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1967
400V Single-Pole, Normally Open
Power Relay


Similar Part No. - CPC1967

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1967 CLARE-CPC1967 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967 Datasheet
896Kb / 7P
i4-PAC??Power Relay
CPC1967J CLARE-CPC1967J Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1967J CLARE-CPC1967J Datasheet
896Kb / 7P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1967J IXYS-CPC1967J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1967

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1718 IXYS-CPC1718 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1709 IXYS-CPC1709 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1708 IXYS-CPC1708 Datasheet
201Kb / 7P
Low Drive Power Requirements
CPC1726 IXYS-CPC1726 Datasheet
115Kb / 6P
Low Drive Power Requirements
CPC1977 IXYS-CPC1977 Datasheet
200Kb / 7P
Low Drive Power Requirements
CPC1978 IXYS-CPC1978 Datasheet
201Kb / 7P
Low Drive Power Requirements
CPC1979 IXYS-CPC1979 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1986 IXYS-CPC1986 Datasheet
199Kb / 7P
Low Drive Power Requirements
CPC1988 IXYS-CPC1988 Datasheet
198Kb / 7P
Low Drive Power Requirements
CPC1010N IXYS-CPC1010N Datasheet
129Kb / 5P
Low Drive Power Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com