Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1973 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1973
Description  Arc-Free With No Snubbing Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1973 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1973 Datasheet HTML 1Page - IXYS Corporation CPC1973 Datasheet HTML 2Page - IXYS Corporation CPC1973 Datasheet HTML 3Page - IXYS Corporation CPC1973 Datasheet HTML 4Page - IXYS Corporation CPC1973 Datasheet HTML 5Page - IXYS Corporation CPC1973 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1973
www.ixysic.com
3
R04
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
45
40
35
30
25
20
15
10
5
0
1.24
1.25
1.26
1.28
1.29
LED Forward Voltage (V)
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=10mA)
35
30
25
20
15
10
5
0
3.33
3.36
3.39
3.45
3.42
3.48
On-Resistance ( )
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=0.5ADC, IF=10mA)
35
30
25
20
15
10
5
0
523
525
527
529
531
533
Blocking Voltage (V
P)
535
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
1.75
2.25
2.75
1.5
2.0
2.5
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, T
A=25ºC, IL=0.5ADC, IF=10mA)
0.010
0.014
0.018
0.008
0.012
0.016
Turn-Off (ms)
25
20
15
10
5
0
0.020
Typical Turn-Off Time
(N=50, T
A=25ºC, IL=0.5ADC, IF=10mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.15
0.20
0.25
0.30
0.35
0.40
Maximum Load Current vs. Temperature
(I
F=10mA)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 3&4
(V
L=400V)
Temperature (ºC)
Typical Blocking Voltage vs. Temperature
-40
570
560
550
540
530
520
510
500
490
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-On vs. Temperature
(I
L=100mADC)
-40
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
I
F=10mA
Temperature (ºC)
Typical Turn-Off vs. Temperature
(I
L=100 mADC)
-40
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
-20
0
20
40
60
80
100
I
F=10mA
Temperature (ºC)
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=20mA
I
F=10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com