Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1973 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1973
Description  Arc-Free With No Snubbing Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1973 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1973 Datasheet HTML 1Page - IXYS Corporation CPC1973 Datasheet HTML 2Page - IXYS Corporation CPC1973 Datasheet HTML 3Page - IXYS Corporation CPC1973 Datasheet HTML 4Page - IXYS Corporation CPC1973 Datasheet HTML 5Page - IXYS Corporation CPC1973 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R04
CPC1973
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Typical Turn-Off vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.050
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
50
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Typical On-Resistance vs. Temperature
(I
L=100mADC)
Load Voltage (V)
-2.0
-1.5 -1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=10mA)
Time
10 s 100 s 1ms 10ms 100ms
1s
10s
100s
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Energy Rating Curve
(Free Air, No Heat Sink)
Typical Turn-On vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com