Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1983 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1983
Description  Arc-Free With No Snubbing Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1983 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1983 Datasheet HTML 1Page - IXYS Corporation CPC1983 Datasheet HTML 2Page - IXYS Corporation CPC1983 Datasheet HTML 3Page - IXYS Corporation CPC1983 Datasheet HTML 4Page - IXYS Corporation CPC1983 Datasheet HTML 5Page - IXYS Corporation CPC1983 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1983
www.ixysic.com
3
R03
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.235 1.240 1.245 1.250 1.255 1.260 1.265
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
Turn-On Time (ms)
1.75
1.90
2.05
2.20
2.35
2.50
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=75mA, TA=25ºC)
Turn-Off Time (ms)
0.131
0.138
0.145
0.152
0.159
0.166
0
5
10
15
20
25
Typical Turn-Off Time
(N=50, I
F=5mA, IL=75mA, TA=25ºC)
LED Forward Current (mA)
1.0
1.1
1.2
1.3
1.4
1.5
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=500mA, TA=25ºC)
On-Resistance ( )
3.25
3.35
3.45
3.55
3.65
3.75
3.85
0
5
10
15
20
25
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=500mA, TA=25ºC)
Blocking Voltage (V
P)
675
685
695
705
715
725
735
0
5
10
15
20
Typical Blocking Voltage Distribution
(N=50, I
F=0mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Current (mA)
0
1020
304050
0
1
2
3
4
5
6
Typical Turn-On Time
vs. LED Forward Current
(I
L=75mA, TA=25ºC)
LED Current (mA)
0
1020
304050
0.06
0.08
0.10
0.12
0.14
0.16
Typical Turn-Off Time
vs. LED Forward Current
(I
L=75mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.8
1.0
1.2
1.4
1.6
1.8
Typical I
F for Switch Operation
(I
L=300mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On Time
vs. Temperature
(I
L=75mA)
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
Typical Turn-Off Time
vs. Temperature
(I
L=75mA)
I
F=5mA
I
F=10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com