Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1983 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1983
Description  Arc-Free With No Snubbing Circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1983 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1983 Datasheet HTML 1Page - IXYS Corporation CPC1983 Datasheet HTML 2Page - IXYS Corporation CPC1983 Datasheet HTML 3Page - IXYS Corporation CPC1983 Datasheet HTML 4Page - IXYS Corporation CPC1983 Datasheet HTML 5Page - IXYS Corporation CPC1983 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1983-R03
1
e3
Pb
CPC1983
Single-Pole, Normally Open
OptoMOS® Power SIP Relay
Part #
Description
CPC1983Y
Power SIP Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
600
V
P
Load Current
0.5
A
DC
On-Resistance (max)
6
Applications
Features
Description
Ordering Information
Pin Configuration
Industrial Controls
Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
IC Equipment
Home Appliances
Handle Load Currents Up to 0.5A
600V
P Blocking Voltage
2500V
rms Input/Output Isolation
Power SIP Package
High Reliability
No Moving Parts
Low Drive Power Requirements
(TTL/CMOS Compatible)
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS technology, reliability,
and compact size to a new family of high-power Solid
State Relays.
As part of this family, the CPC1983 single-pole,
normally open (1-Form-A) Solid State Power Relay is
rated for up to 0.5A
DC continuous load current.
The CPC1983 employs optically coupled MOSFET
technology to provide 2500V
rms of input to output
isolation. The optically coupled outputs, that use
patented OptoMOS architecture, are controlled by a
highly efficient GaAIAs infrared LED.
This combination of low on-resistance and high
load current handling capability makes this relay
suitable for a variety of high performance switching
applications.
Switching Characteristics of
Normally Open Devices
Approvals
UL 508 Recognized Component: File E69938
CSA Certified Component: Certificate 1172007
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
-
4
2
+
3


Similar Part No. - CPC1983

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1983 CLARE-CPC1983 Datasheet
114Kb / 6P
OptoMOS짰 Power SIP Relay
logo
IXYS Corporation
CPC1983B IXYS-CPC1983B Datasheet
115Kb / 6P
Arc-Free With No Snubbing Circuits
logo
Littelfuse
CPC1983B LITTELFUSE-CPC1983B Datasheet
196Kb / 6P
OptoMOS® Power SOIC Relay
11/18/2025
logo
Clare, Inc.
CPC1983Y CLARE-CPC1983Y Datasheet
114Kb / 6P
OptoMOS짰 Power SIP Relay
logo
Littelfuse
CPC1983Y LITTELFUSE-CPC1983Y Datasheet
179Kb / 6P
Normally Open Power SIP Relay
11/18/2025
More results

Similar Description - CPC1983

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
CPW2870B15 CPI-CPW2870B15 Datasheet
61Kb / 2P
DC SPUTTERING POWER SUPPLY WITH ACTIVE ARC SUPPRESSION
logo
Analog Devices
ADV7511KSTZ AD-ADV7511KSTZ Datasheet
94Kb / 2P
225 MHz, High Performance HDMI Transmitter with ARC
Rev. Sp0
logo
IXYS Corporation
CPC1727 IXYS-CPC1727 Datasheet
197Kb / 7P
Arc-Free With No Snubbing Circuits
CPC1926 IXYS-CPC1926 Datasheet
107Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1973 IXYS-CPC1973 Datasheet
107Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1981 IXYS-CPC1981 Datasheet
106Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1983B IXYS-CPC1983B Datasheet
115Kb / 6P
Arc-Free With No Snubbing Circuits
CPC1983YE IXYS-CPC1983YE Datasheet
113Kb / 6P
Arc-Free With No Snubbing Circuits
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
Wear-free switching with no contact bounce
logo
Littelfuse
D0920 LITTELFUSE-D0920 Datasheet
285Kb / 1P
Arc-Flash Monitoring
2016 Rev: 4-C-071316
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com