Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF20NA80F1 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DF20NA80F1
Description  DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF20NA80F1 Datasheet(HTML) 1 Page - SanRex Corporation

  DF20NA80F1 Datasheet HTML 1Page - SanRex Corporation DF20NA80F1 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIODE MODULE ダイオードモジュール
DF20NA80F1/160F1
DF20NA80F1/160F1
(SIP-Diode Module)
• Three Phase Rectifier Bridge
• 三相全波整流
《Advantages》
《特長》
• SIP (Single In-line Package)
•
• Very Low Forward Voltage Drop
• 低
電圧
• High Surge Current Capability
• 高
電流特性
• RoHS directive compliance
• RoHS指令適合
• 2500V Isolation ratings
• 絶縁耐圧2500V
《Applications》
《用途》
• Welding and Plasma Cutting Machines
• 溶接機・切断機
• Battery Chargers
• 充電器
• Power Supplies
• 各種電源装置
• Motor Controls
•
制御
• Air Conditioner
•
• Home Appliance
• 家電品
Unit
単位:mm
■Maximum Ratings
 最大定格
(Unless otherwise Tj=25℃ / 特にことわらない限り Tj=25℃)
Symbol
記号
Item
項 目
Ratings
 定格値
Unit
単位
DF20NA80F1
DF20NA160F1
VRRM
Repetitive Peak Reverse Voltage
定格ピーク繰返し逆電圧
800
1600
V
VRSM
Non-Repetitive Peak Reverse Voltage
定格ピーク非繰返し逆電圧
960
1700
V
Symbol 記号
Item
 項 目
Conditions
 条 件
Ratings
 定格値
Unit 単位
ID
Output Current
(D.C.)
直流出力電流
Three Phase full wave.
 TC=111℃
三相全波整流回路
20
A
IFSM
Surge Forward Current
サージ順電流
50Hz/60Hz sine wave, Non-repetitive 1cycle peak value
50Hz/60Hz
正弦半波 非繰返し 1サイクル 波高値
320/350
A
I2t
I2t
電流二乗時間積
Value for one cycle of surge current
1
サイクルサージ順電流に対する値
500
A2s
Tj
Operating Junction Temperature
接合部温度
-40~+150
℃
Tstg
Storage Temperature
保存温度
-40~+150
℃
VISO
Isolation Breakdown Voltage
(R.M.S.)
絶縁耐圧
Terminals to case, A.C. 1minute
主端子ーケース間,A.C. 1分間
2500
V
Mounting Torque
締付トルク
Mounting
(M3)
取付
Recommended Torque 0.5N
推奨値
0.8
N
・m
(kgf・cm)
Mass
質量
Typical Value
標準値
18
g
■Electrical Characteristics
 電気的特性
(Unless otherwise Tj=25℃ / 特にことわらない限り Tj=25℃)
Symbol
記号
Item
項 目
Conditions
条 件
Ratings
 規格値
Unit
単位
Min.
Typ. Max.
IRRM
Repetitive Peak Reverse Current
逆電流
Tj
=150℃,VRRM=800V
4
mA
Tj
=150℃,VRRM=1600V
8
VFM
Forward Voltage Drop
順電圧降下
Tj
=25℃,IFM=20A, Inst. measurement
瞬時測定
1.2
V
Rth
(j-c) Thermal Impedance
熱抵抗
Junction to case per one module
接合ーケース間 
0.8
℃/W
∼
∼
∼
+
−
UL; E76102(M)
2−φ3.30±0.20
47.10±0.50
5.00±0.30
3.10 +0.20
−0.10
+0.20
−0.10
(1.80)
(0.10)
(0.20)
(1.60)
3.10
A
bottom side
0.50±0.15
1.00±0.20
2.00±0.20
7.62±0.30
(2.40)
(40.50)
39.80±0.50
(35.50)
(30.0)
+
∼
∼
∼
+
A(2:1)
(DF20NA80F1_160F1-S79-1303)


Similar Part No. - DF20NA80F1

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF20NA80 SANREX-DF20NA80 Datasheet
152Kb / 2P
Three Phase Rectifier Bridge
DF20NA80S SANREX-DF20NA80S Datasheet
163Kb / 2P
DIODE MODULE
More results

Similar Description - DF20NA80F1

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
DIODE-DIODE MODULE
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
DIODE-DIODE MODULE
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
Diode-Diode Module
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
Diode-Diode Module
logo
Naina Semiconductor ltd...
25NDD NAINA-25NDD Datasheet
121Kb / 2P
Diode - Diode Module
56NDD NAINA-56NDD Datasheet
121Kb / 2P
Diode - Diode Module
100NDD NAINA-100NDD Datasheet
137Kb / 2P
Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
Diode - Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com