Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF150AE80 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DF150AE80
Description  3-PHASE DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF150AE80 Datasheet(HTML) 2 Page - SanRex Corporation

  DF150AE80 Datasheet HTML 1Page - SanRex Corporation DF150AE80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DF150AE80/160
Maximum Forward Characteristics
最大順特性
0.5
1.0
1.5
2.0
1000
100
10
1
Forward Voltage Drop(V)
順電圧降下(V)
順電
流︵波高値︶
(A)
Tj=25℃
Tj=150℃
Three Phase
三相全波
Output Current vs. Power Dissipation
最大電力損失特性
0
20
40
60
80
100
120
140
160
400
100
50
200
150
300
250
350
0
Output Current(A)
出力電流 ID(A)
電力損失
Pav
(W)
Output Current vs. Allowable Case Temperature
出力電流対最大許容ケース温度
0
20
40
60
80
160
100
120
140
150
140
130
120
110
100
90
Output Current(A)
出力電流(A)
最大許容ケース温度
(℃)
Three Phase
三相全波
Cycle Surge Forward Current Rating(Non-Repetitive)
サージ順電流耐量(非繰り返し)
1
10
100
2500
2000
1500
1000
500
0
Times(cycles)
通電時間(cycles)
サージ順電流
(A)
Tj=25℃ start
Tj=25℃ スタート
60Hz
50Hz
Transient Thermal Impedance
過渡熱インピーダンス特性
1.0E-03
1.0E-02
1.0E-01
1.0E+01
1.0E+02
1.0E+00
0.16
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0
Time t(s)
時間 t(s)
過渡熱インピーダンス
θj-c
(℃/W)
per one Module
モジュール当たり
Junction to case
接合部−ケース間
Maximum
最大値



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com