Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF150AE80 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DF150AE80
Description  3-PHASE DIODE MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF150AE80 Datasheet(HTML) 1 Page - SanRex Corporation

  DF150AE80 Datasheet HTML 1Page - SanRex Corporation DF150AE80 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-PHASE DIODE MODULE 三相整流ダイオードモジュール
DF150AE80/160
29.0
(3−12.0)
2−φ
6.5
(2−13.4)
5−M5
(depth:8.0)
23.0
23.0
22.0
11
22
33
44
55
11.0
108.0±0.5
93.0±0.2
4−R
2.0
1
2
3
4
5
DF_AE
■Maximum Ratings
 最大定格
(Unless otherwise specified Tj=25℃/特にことわらない限りTj=25℃)
Symbol
記号
Item
項 目
Ratings
 定格値
Unit
単位
DF150AE80
DF150AE160
VRRM
Repetitive Peak Reverse Voltage
定格ピーク繰返し逆電圧
800
1600
V
VRSM
Non-Repetitive Peak Reverse Voltage
定格ピーク非繰返し逆電圧
960
1700
V
Symbol
記号
Item
 項 目
Conditions
 条 件
Ratings
 定格値
Unit
単位
ID
Output Current
(D.C.)
直流出力電流
3-phase full wave, Tc
=106℃
三相全波整流回路 Tc=106℃
150
A
IFSM
Surge Forward Current
サージ順電流
1cycle, 50/60Hz, Peak value, non-repetitive
50/60Hz
正弦半波 1サイクル 波高値 非繰返し
1850/2000
A
I2t
I2t
電流二乗時間積
Value for one cycle of surge current
1サイクルサージ順電流に対する値
17000
A2s
Tj
Operating Junction Temperature
接合部温度
−40∼+150
℃
Tstg
Storage Temperature
保存温度
−40∼+125
℃
VISO
Isolation Breakdown Voltage
(R.M.S.)
絶縁耐圧(R.M.S.)
Terminals to case, A.C. 1minute
主端子─ケース間,A.C.1分間
2500
V
Mounting torque
締付トルク強度
Mounting M5
取付(M5)
Recommended Value
推奨値
1.5
∼2.5(15∼25)
2.7
(28)
N
・m
(kgf・㎝)
Terminal M5
端子(M5)
Recommended Value
推奨値
1.5
∼2.5(15∼25)
2.7
(28)
Mass
質量
Typical Value
標準値
240
g
■Electrical Characteristics
 電気的特性
(Unless otherwise specified Tj=25℃/特にことわらない限りTj=25℃)
Symbol
記号
Item
項 目
Conditions
条 件
Ratings
 規格値
Unit
単位
Min.
Typ. Max.
IRRM
Repetitive Peak Reverse Current
逆電流
Tj
=150℃ at V
RRM
VRRM
印加
15.0
mA
VFM
Forward Voltage Drop
順電圧降下
IF
=150A, Inst. measurement
瞬時測定
1.31
V
V(TO)
Threshold Voltage
閾値電圧
Tj
=25℃
1.11
V
Tj
=150℃
0.95
rt
Slope Resistance
スロープ抵抗
Tj
=25℃
1.5
m
Ω
Tj
=150℃
2.2
Rth
(j-c) Thermal Resistance
熱抵抗
Junction to case
接合─ケース間
0.11
℃/W
Rth
(c-f) Interface Thermal Resistance
接触熱抵抗
Case to Heat sink
Thermal Conductivity
(Silicon grease)≒7×10-3[W/cm・℃]
ケース─ヒートシンク間
シリコングリースの熱伝導率≒7×10-3[W/cm・℃]
0.06
℃/W
Unit
単位:mm
UL; E76102
(M)
DF150AE80/160
〈Features & Advantages〉
〈特長〉
• High current capacity as 150A three phase
diode bridge.
• 150A 大容量 三相整流
• High current capacity yet 17mm low profile
package.
• 大電流容量
、 高 17㎜ 薄型化
実現
•Reduced internal layer structures for improved
heat dissipation (low thermal resistance).
• 低積層内部構造による高放熱化(低熱抵抗)
を実現
〈Applications〉
〈用途〉
• Motor drives
• 汎用
• Servo controller
•
• Rectification circuit for welding machine
(primary side)
• 溶接機 一次側整流
• Induction heater
• 誘導加熱装置
• Elevator
• エレベータ


Similar Part No. - DF150AE80

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AA160 SANREX-DF150AA160 Datasheet
96Kb / 2P
DIODE(THREE PHASES BRIDGE TYPE)
DF150AB160 SANREX-DF150AB160 Datasheet
683Kb / 2P
3-PHASE DIODE
DF150AB80 SANREX-DF150AB80 Datasheet
683Kb / 2P
3-PHASE DIODE
DF150AC SANREX-DF150AC Datasheet
39Kb / 2P
Three Phase Rectifier Bridge Module
More results

Similar Description - DF150AE80

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QRE2412001 POWEREX-QRE2412001 Datasheet
56Kb / 4P
3 Phase Diode Bridge Module 120 Amp/Phase Up to 2400 Volts
logo
Nell Semiconductor Co.,...
NK3D60 NELLSEMI-NK3D60 Datasheet
105Kb / 2P
THREE PHASE DIODE MODULE
NK3D160 NELLSEMI-NK3D160 Datasheet
865Kb / 2P
THREE PHASE DIODE MODULE
logo
SanRex Corporation
DF150AB80 SANREX-DF150AB80 Datasheet
683Kb / 2P
3-PHASE DIODE
DF200AB80 SANREX-DF200AB80 Datasheet
691Kb / 2P
3-PHASE DIODE
DF200AE80 SANREX-DF200AE80 Datasheet
936Kb / 2P
3-PHASE DIODE MODULE
DFA200CB SANREX-DFA200CB Datasheet
865Kb / 3P
3-PHASE DIODE BRIDGE
logo
Shindengen Electric Mfg...
D45XT80 SHINDENGEN-D45XT80_17 Datasheet
463Kb / 4P
3 Phase Bridge Diode
S10VT60 SHINDENGEN-S10VT60_17 Datasheet
457Kb / 4P
3 Phase Bridge Diode
S20VTA60 SHINDENGEN-S20VTA60_17 Datasheet
419Kb / 4P
3 Phase Bridge Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com