Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5461 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N5461
Description  P-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N5461 Datasheet(HTML) 1 Page - InterFET Corporation

  2N5461 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-21
2N5460, 2N5461, 2N5462
P-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
40 V
Continuous Forward Gate Current
– 10 mA
Continuous Device Power Dissipation
310 mW
Power Derating
2.8 mW/°C
TOÐ226AA Package
Dimensions in Inches (mm)
Pin Configuration
1 Drain, 2 Source, 3 Gate
Surface Mount
SMP5460, SMP5461, SMP5462
At 25°C free air temperature:
2N5460
2N5461
2N5462
Process PJ32
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
40
40
40
V
IG = 10µA, VDS = ØV
Gate Reverse Current
IGSS
555
nA
VGS = 20V, VDS = ØV
111
µA
VGS = 20V, VDS = ØV
TA = 100°C
Gate Source Cutoff Voltage
VGS(OFF)
0.75
6
1
7.5
1.8
9
V
VDS = – 15V, ID = – 1 µA
0.8
4.5
V
VDS = – 15V, ID = – 100 µA
Gate Source Voltage
VGS
0.8
4.5
V
VDS = – 15V, ID = – 200 µA
1.5
6
V
VDS = – 15V, ID = – 400 µA
Drain Saturation Current (Pulsed)
IDSS
– 1– 5– 2– 9– 4
– 16
mA
VDS = – 15V, VGS = ØV
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
2
0.8
0.4
k
VGS = ØV, ID = Ø A
f = 1 kHz
Common Source Forward Transadmittance
|Yfs |
1
4
1.5
5
2
6
mS
VDS = – 15V, VGS = Ø V
f = 1 kHz
Common Source Output Admittance
| Yos |
757575
µS
VDS = – 15V, VGS = Ø V
f = 1 kHz
Common Source Input Capacitance
Ciss
777
pF
VDS = – 15V, VGS = ØV
f = 1 MHz
Common Source Reverse
Crss
222
pF
VDS = – 15V, VGS = ØV
f = 1 MHz
Transfer Capacitance
Equivalent Short Circuit
¯eN
2.5
2.5
2.5
dB
VDS = – 15V, VGS = ØV
f = 100 Hz,
Input Noise Voltage
BW = 1 Hz
Noise Figure
NF
115
115
115
nV/
√Hz
VDS = – 15V, VGS = ØV,
f = 100 Hz
RG = 1MΩ
¥ Audio Amplifiers
¥ General Purpose
Amplifiers
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-21


Similar Part No. - 2N5461

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N5461 MOTOROLA-2N5461 Datasheet
116Kb / 4P
CASE 2904, STYLE 7 TO92 (TO226AA)
logo
Fairchild Semiconductor
2N5461 FAIRCHILD-2N5461 Datasheet
115Kb / 5P
P-Channel General Purpose Amplifier
logo
Vishay Siliconix
2N5461 VISHAY-2N5461 Datasheet
50Kb / 5P
P-Channel JFETs
04-Jun-01
logo
ON Semiconductor
2N5461 ONSEMI-2N5461 Datasheet
78Kb / 8P
JFET Amplifiers
November, 2001 ??Rev. 3
logo
Central Semiconductor C...
2N5461 CENTRAL-2N5461 Datasheet
58Kb / 1P
Junction FETs Low Frequency/ Low Noise
More results

Similar Description - 2N5461

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3993 INTERFET-2N3993 Datasheet
93Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5020 INTERFET-2N5020 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J270 INTERFET-J270 Datasheet
423Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5114 INTERFET-2N5114 Datasheet
69Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5460 INTERFET-2N5460 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5462 INTERFET-2N5462 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J174 INTERFET-J174 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J175 INTERFET-J175 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J176 INTERFET-J176 Datasheet
98Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
P1087 INTERFET-P1087 Datasheet
99Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com