Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IFN5114 Datasheet(PDF) 1 Page - InterFET Corporation

Part # IFN5114
Description  P-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IFN5114 Datasheet(HTML) 1 Page - InterFET Corporation

  IFN5114 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-44
01/99
IFN5114, IFN5115, IFN5116
P-Channel Silicon Junction Field-Effect Transistor
¥ Analog Switches
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 50 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
500 mW
Power Derating
4 mW/°C
Storage Temperature Range
– 65°C to 200°C
TOÐ18 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source 1, 2 Gate & Case, 3 Drain
Surface Mount
SMP5114, SMP5115, SMP5116
At 25°C free air temperature:
IFN5114
IFN5115
IFN5116
Process PJ99
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
30
30
30
V
IG = – 1mA, VDS = ØV
Gate Reverse Current
IGSS
222
nA
VGS = 20V, VDS = ØV
10
10
10
µA
VGS = 20V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
5
10
3614
V
VDS = – 15V, IG = – 1 nA
Gate Source Forward Voltage
VGS(F)
– 1– 1– 1
V
VDS = ØV, IG = – 1 mA
Drain Saturation Current (Pulsed)
IDSS
– 30
– 90
mA
VDS = – 15V, VGS = 18V
– 15
– 60
– 5
– 25
mA
VDS = – 15V, VGS = 15V
Drain Cutoff Current
ID(OFF)
– 2– 2– 2
nA
VDS = – 15V, VGS = 12V
– 10
– 10
– 10
µA
VDS = – 15V, VGS = 7V
TA = 150°C
– 1.3
V
VGS = ØV, ID = – 15 mA
Drain Source ON Voltage
VDS(ON)
– 0.8
V
VGS = ØV, ID = – 7 mA
– 0.6
V
VGS = ØV, ID = – 3 mA
Static Drain Source ON Resistance
rDS(ON)
75
100
150
Ω
VGS = ØV, ID = – 1 mA
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
75
100
150
Ω
VGS = ØV, ID = ØA
f = 1 kHz
Common Source Input Capacitance
Ciss
25
25
27
pF
VDS =– 15V, VGS = ØV
f = 1 MHz
Common Source Reverse
7pF
VDS = – 10V, VGS = 12V
f = 1 MHz
Transfer Capacitance
Crss
7pF
VDS = – 10V, VGS = 7 V
f = 1 MHz
7pF
VDS = – 10V, VGS = 5V
f = 1 MHz
Switching Characteristics
IFN5114 IFN5115 IFN5116
Turn ON Delay Time
td(on)
610
25
ns
VDD
– 10
– 6
– 6
V
Rise Time
tr
10
20
35
ns
VGG
20
12
8
V
Turn OFF Delay Time
td(off)
68
20
ns
RL
130
910
2000
Ω
Fall Time
tf
15
30
60
ns
RG
100
220
390
Ω
ID(ON)
– 15
– 7
– 3
mA
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 12:22 PM
Page B-44


Similar Part No. - IFN5114

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IFN5115 INTERFET-IFN5115 Datasheet
72Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
IFN5116 INTERFET-IFN5116 Datasheet
72Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IFN5114

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3993 INTERFET-2N3993 Datasheet
93Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5020 INTERFET-2N5020 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J270 INTERFET-J270 Datasheet
423Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5114 INTERFET-2N5114 Datasheet
69Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5460 INTERFET-2N5460 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5461 INTERFET-2N5461 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J174 INTERFET-J174 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J175 INTERFET-J175 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J176 INTERFET-J176 Datasheet
98Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
P1087 INTERFET-P1087 Datasheet
99Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com