Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0080B Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0080B
Description  Surface mount, silver (Ag) coated ceramic duplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0080B Datasheet(HTML) 2 Page - CTS Corporation

  CER0080B Datasheet HTML 1Page - CTS Corporation CER0080B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0080B
1600 MHz InMarSat Duplexer
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
Mechanical Drawing
PCB Layout
Dim
Nominal
(mm)
Tolerance (mm)
+/- or max
A
B
60.8
max
C
D
6.43
0.25
E
27.82
0.13
F
19.49
0.13
G
2.03
0.13
H
1.27
0.13
I
1.27
0.13
J
2.03
0.13
K
9.25
max
L
6.69
0.25
M
10.59
max
N
2.29
0.13
Rev 3 – Origin Date: July 11, 2005 – Revision Date: January 24, 2006
Product is shipped in preformed
foam trays
The trays have 12 slots each with 2 filters
per slot. Boxes are packed with 5 Trays
per box for a total of 120 filters per box.
Packaging and Marking
Electrical response



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com