Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CER0080B Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0080B
Description  Surface mount, silver (Ag) coated ceramic duplexer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0080B Datasheet(HTML) 1 Page - CTS Corporation

  CER0080B Datasheet HTML 1Page - CTS Corporation CER0080B Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0080B
1600 MHz InMarSat Duplexer
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Low Loss
• Low Ripple
• High Rejection
Description
Surface mount, silver (Ag) coated ceramic
duplexer. Developed for use in InMarSat
Infrastructure applications.
Weight: 22.1 grams typical
Material: Filter is composed of a ceramic
block plated with Ag and a shield made of
nickel silver plated steel.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to measurement
repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Parameter
Frequency
(MHz)
Typical @
25ºC
Spec. @
25ºC
Spec. over
-40ºC to +85ºC
TX to Antenna Response
Passband Insertion Loss
1626.5-1660.5
0.75 dB
0.9 dB max
1.0 dB max
Passband Ripple
1626.5-1660.5
0.2 dB
0.5 dB max
0.6 dB max
Passband Return Loss @ TX
1626.5-1660.5
14.5 dB
10.0 dB min
10.0 dB min
Attenuation:
1525-1559
64.2 dB
60.0 dB min
60.0 dB min
Antenna to RX Response
Passband Insertion Loss
1525-1559
0.75 dB
0.9 dB max
1.0 dB max
Passband Ripple
1525-1559
0.15 dB
0.5 dB max
0.6 dB max
Passband Return Loss @ ANT
1525-1559
19.5 dB
10.0 dB min
10.0 dB min
Attenuation:
1626.5-1660.5
66.2 dB
65.0 dB min
65.0 dB min
TX to RX Response
Rejection @ TX
1626.5-1660.5
68.0 dB
65.0 dB min
65.0 dB min
Rejection @ RX
1525-1559
63.0 dB
60.0 dB min
60.0 dB min
Power into any port
5 Watt max
Rev 4 – Origin Date: July 11, 2005 – Revision Date: March 3, 2006
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US
6,834,429.Other US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


Similar Part No. - CER0080B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0080A CTS-CER0080A Datasheet
163Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
More results

Similar Description - CER0080B

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0237C CTS-CER0237C Datasheet
74Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0335A CTS-CER0335A Datasheet
72Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
CER0395A CTS-CER0395A Datasheet
309Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0439A CTS-CER0439A Datasheet
176Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0472A CTS-CER0472A Datasheet
96Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0496C CTS-CER0496C Datasheet
96Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0613A CTS-CER0613A Datasheet
90Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0668A CTS-CER0668A Datasheet
93Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
DPX0528A CTS-DPX0528A Datasheet
176Kb / 2P
Surface mount, silver (Ag) coated ceramic DUPlexer
KFF7118A CTS-KFF7118A Datasheet
92Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com