Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J175 Datasheet(PDF) 1 Page - InterFET Corporation

Part # J175
Description  P-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

J175 Datasheet(HTML) 1 Page - InterFET Corporation

  J175 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-52
01/99
J174, J175
P-Channel Silicon Junction Field-Effect Transistor
¥ Choppers
¥ Commutators
¥ Analog Switches
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 30 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
360 mW
Power Derating
3.27 mW/°C
TOÐ226AA Package
Dimensions in Inches (mm)
Pin Configuration
1 Drain, 2 Gate, 3 Source
Surface Mount
SMPJ174, SMPJ175
At 25°C free air temperature:
J174
J175
Process PJ99
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
30
30
V
IG = 1 µA, VDS = ØV
Gate Reverse Current
IGSS
1
1
nA
VGS = 20V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
5
10
3
6
V
VDS = – 15V, ID = – 10 nA
Drain Saturation Current (Pulsed)
IDSS
– 20 – 125
– 7
– 70
mA
VDS = – 15V, VGS = ØV
Drain Cutoff Current
ID(OFF)
– 1
– 1
nA
VDS = – 15V, VGS = 10V
Dynamic Electrical Characteristics
Max
Max
Drain Source ON Resistance
rds(on)
85
85
Ω
VGS = Ø, VDS < = 0.1V
f = 1 kHz
Dynamic Electrical Characteristics
Typ
Typ
Drain Gate Capacitance
Cgd
5.5
5.5
pF
VDS = ØV, VGS = 10V
f = 1 MHz
Source Gate Capacitance
Cgs
5.5
5.5
pF
VDS = ØV, VGS = 10V
f = 1 MHz
Drain Gate + Source Gate Capacitance
Cgd + Cgs
32
32
pF
VDS = VGS = ØV
f = 1 MHz
Switching Characteristics
J174
J175
Turn ON Delay Time
td(on)
2
5
ns
VDD
– 10
– 6
V
Rise Time
tr
5
10
ns
VGS(OFF)
12
8
V
Turn OFF Delay Time
td(off)
5
10
ns
RL
560
1.2 k
Ω
Fall Time
tf
10
20
ns
VGS(ON)
Ø
Ø
V
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-52


Similar Part No. - J175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J175 PHILIPS-J175 Datasheet
33Kb / 6P
P-channel silicon field-effect transistors
April 1995
logo
Fairchild Semiconductor
J175 FAIRCHILD-J175 Datasheet
58Kb / 5P
P-Channel Switch
logo
Calogic, LLC
J175 CALOGIC-J175 Datasheet
23Kb / 2P
P-Channel JFET Switch
logo
Linear Integrated Syste...
J175 LINEAR-J175 Datasheet
237Kb / 2P
SINGLE P-CHANNEL JFET SWITCH
logo
Vishay Siliconix
J175 VISHAY-J175 Datasheet
55Kb / 6P
P-Channel JFETs
04-Jun-01
More results

Similar Description - J175

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3993 INTERFET-2N3993 Datasheet
93Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5020 INTERFET-2N5020 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J270 INTERFET-J270 Datasheet
423Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5114 INTERFET-2N5114 Datasheet
69Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5460 INTERFET-2N5460 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5461 INTERFET-2N5461 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5462 INTERFET-2N5462 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J174 INTERFET-J174 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J176 INTERFET-J176 Datasheet
98Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
P1087 INTERFET-P1087 Datasheet
99Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com