Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1087 Datasheet(PDF) 1 Page - InterFET Corporation

Part # P1087
Description  P-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

P1087 Datasheet(HTML) 1 Page - InterFET Corporation

  P1087 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-63
P1086, P1087
P-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
30 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
360 mW
Power Derating
3.27 mW/°C
TOÐ226AA Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate
Surface Mount
SMPP1086, SMPP1087
At 25°C free air temperature:
P1086
P1087
Process PJ99
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
30
30
V
IG = 1 µA, VDS = ØV
Gate Reverse Current
IGSS
22
nA
VGS = 15V, VDS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
10
5
V
VDS = – 15V, ID = – 1 µA
Saturation Drain Current (Pulsed)
IDSS
– 10
– 5.0
mA
VDS = – 20V, VGS = ØV
Drain Cutoff Current
ID(OFF)
– 10
– 10
nA
VDS = – 15V, VGS = 12V (P1086)
– 0.5
– 0.5
µA
VGS = 7V (P1087)
TA = 85°C
Drain Reverse Current
IDGO
22
nA
VDG = – 15V, IS = ØA
0.1
0.1
µA
VDG = – 15V, IS = ØA
TA = 85°C
Drain Source ON Voltage
VDS(ON)
– 0.5
– 0.5
V
VGS = ØV, ID = – 6 mA (P1086)
– 0.5
– 0.5
V
VGS = ØV, ID = – 3 mA (P1087)
Static Drain Source ON Resistance
rDS(ON)
75
150
Ω
ID = – 1 mA, VGS = ØV
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
75
150
Ω
ID = Ø, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
45
45
pF
VDS = – 15V, VGS = ØV
f = 1 kHz
Common Source
Crss
10
10
pF
VDS = ØV, VGS = 12V (P1086)
f = 1 MHz
Reverse Transfer Capacitance
10
10
pF
VDS = ØV, VGS = 7V (P1087)
Switching Characteristics
VDD = – 6V, VGS(ON) = ØV
Turn ON Delay Time
td(on)
15
15
ns
P1086
P1087
Rise Time
tr
20
75
ns
VGS(OFF)
12
7
V
Turn OFF Delay Time
td(off)
15
25
ns
VD(ON)
– 6
– 3
MA
Fall Time
tf
50
100
ns
RL
910
1.8K
Ω
¥ Choppers
¥ Analog Switches
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-63


Similar Part No. - P1087

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
P1087 FAIRCHILD-P1087 Datasheet
26Kb / 3P
P-Channel Switch
More results

Similar Description - P1087

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3993 INTERFET-2N3993 Datasheet
93Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5020 INTERFET-2N5020 Datasheet
89Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J270 INTERFET-J270 Datasheet
423Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5114 INTERFET-2N5114 Datasheet
69Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5460 INTERFET-2N5460 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5461 INTERFET-2N5461 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
2N5462 INTERFET-2N5462 Datasheet
100Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J174 INTERFET-J174 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J175 INTERFET-J175 Datasheet
103Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
J176 INTERFET-J176 Datasheet
98Kb / 1P
P-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com