Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3010LFG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3010LFG
Description  Qualified to AEC-Q101 Standards for High Reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3010LFG Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3010LFG Datasheet HTML 1Page - Diodes Incorporated DMN3010LFG Datasheet HTML 2Page - Diodes Incorporated DMN3010LFG Datasheet HTML 3Page - Diodes Incorporated DMN3010LFG Datasheet HTML 4Page - Diodes Incorporated DMN3010LFG Datasheet HTML 5Page - Diodes Incorporated DMN3010LFG Datasheet HTML 6Page - Diodes Incorporated DMN3010LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN3010LFG
Document number: DS36195 Rev. 7 - 2
2 of 7
www.diodes.com
June 2015
© Diodes Incorporated
DMN3010LFG
POWERDI is a registered trademark of Diodes Incorporated
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
11
8.5
A
t<10s
TA = +25°C
TA = +70°C
ID
14
11
A
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TC = +25°C
TC = +100°C
ID
30
20
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
90
A
Avalanche Current (Note 7) L = 0.1mH
IAS
12.7
A
Avalanche Energy (Note 7) L = 0.1mH
EAS
8.1
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.9
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
137
°C/W
t < 10s
90
°C/W
Total Power Dissipation (Note 6)
PD
2.4
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
52
°C/W
t < 10s
35
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
26
W
Thermal Resistance, Junction to Case (Note 6)
RθJC
4.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
30
—
—
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
1
µA
VDS = 30V, VGS = 0V
Zero Gate Voltage Drain Current TJ = +150°C (Note 9)
—
—
100
μA
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.0
—
2.5
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
6.5
8.5
m
Ω
VGS = 10V, ID = 18A
—
8
10.5
VGS = 4.5V, ID = 16A
Diode Forward Voltage
VSD
—
0.75
1.0
V
VGS = 0V, IS = 1A
On State Drain Current (Note 9)
ID(ON)
10
—
—
A
VDS ≦5V, VGS = 4.5V
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
2,075
4,150
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
190
380
Reverse Transfer Capacitance
Crss
—
138
276
Gate Resistance
Rg
—
2.4
5
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
16.1
32
nC
VDS = 15V, ID = 18A
Total Gate Charge (VGS = 10V)
Qg
—
37
74
Gate-Source Charge
Qgs
—
6.1
12
Gate-Drain Charge
Qgd
—
5.9
12
Turn-On Delay Time
tD(on)
—
4.5
10
ns
VDS = 15V, VGS = 10V,
RL = 0.83Ω, RGEN = 3Ω,
Turn-On Rise Time
tr
—
19.6
35
Turn-Off Delay Time
tD(off)
—
31
50
Turn-Off Fall Time
tf
—
10.7
21
Reverse Recovery Time
trr
—
13.7
27
ns
IF=15A, di/dt=500A/µs
Reverse Recovery Charge
Qrr
—
18.3
37
nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal vias to bottom layer 1-inch square copper plate.
7. UIS in production with L = 1mH, TJ = +25°C.
8. Short duration pulse test used to minimize self-heating effect.
9. Guaranteed by design. Not subject to production testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com