Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3010LFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3010LFG
Description  Qualified to AEC-Q101 Standards for High Reliability
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3010LFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3010LFG Datasheet HTML 1Page - Diodes Incorporated DMN3010LFG Datasheet HTML 2Page - Diodes Incorporated DMN3010LFG Datasheet HTML 3Page - Diodes Incorporated DMN3010LFG Datasheet HTML 4Page - Diodes Incorporated DMN3010LFG Datasheet HTML 5Page - Diodes Incorporated DMN3010LFG Datasheet HTML 6Page - Diodes Incorporated DMN3010LFG Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMN3010LFG
Document number: DS36195 Rev. 7 - 2
4 of 7
www.diodes.com
June 2015
© Diodes Incorporated
DMN3010LFG
POWERDI is a registered trademark of Diodes Incorporated
T , AMBIENT TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
A
0
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
I = 1mA
D
I = 250µA
D
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
T = 25°C
A
0
0.3
0.6
0.9
1.2
1.5
0
5
10
15
20
25
30
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
Ciss
f = 1MHz
C
oss
Crss
Q
(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
V
= 15V
I =
A
DS
D
18
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 11 SOA, Safe Operation Area
RDS(on)
Limited
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
J (m ax )
T = 25°C
A
V
= 4.5V
GS
Single Pulse
DUT on 1 * MRP Board



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com