Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3018SFG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN3018SFG
Description  ESD Protected Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3018SFG Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN3018SFG Datasheet HTML 1Page - Diodes Incorporated DMN3018SFG Datasheet HTML 2Page - Diodes Incorporated DMN3018SFG Datasheet HTML 3Page - Diodes Incorporated DMN3018SFG Datasheet HTML 4Page - Diodes Incorporated DMN3018SFG Datasheet HTML 5Page - Diodes Incorporated DMN3018SFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN3018SFG
Document number: DS35638 Rev. 4 - 2
1 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMN3018SFG
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
30V
21mΩ @ VGS = 10V
8.5A
35mΩ @ VGS = 4.5V
6.6A
Description
This MOSFET has been designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
•
Backlighting
•
Power Management Functions
•
DC-DC Converters
Features and Benefits
•
Low RDS(ON) – ensures on state losses are minimized
•
Small form factor thermally efficient package enables higher
density end products
•
Occupies just 33% of the board area occupied by SO-8 enabling
smaller end product
•
ESD Protected Gate
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
•
Case: POWERDI
®3333-8
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections Indicator: See diagram
•
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe
Solderable per MIL-STD-202, Method 208
•
Weight: 0.072 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN3018SFG-7
POWERDI
®3333-8
2000/Tape & Reel
DMN3018SFG-13
POWERDI
®3333-8
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
e3
ESD PROTECTED
S
S
S
G
D
D
D
D
Pin 1
D
S
G
Gate Protection
Diode
Top View
Internal Schematic
Top View
Bottom View
N38 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last digit of year (ex: 11 = 2011)
WW = Week code (01 ~ 53)
N38


Similar Part No. - DMN3018SFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3018SFG-13 DIODES-DMN3018SFG-13 Datasheet
266Kb / 6P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN3018SFG-7 DIODES-DMN3018SFG-7 Datasheet
266Kb / 6P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN3018SFGQ DIODES-DMN3018SFGQ Datasheet
539Kb / 6P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN3018SFG DIODES-DMN3018SFG_15 Datasheet
266Kb / 6P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - DMN3018SFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2020UFCL DIODES-DMN2020UFCL Datasheet
317Kb / 6P
ESD Protected Gate
Rev 3
DMN3900UFA DIODES-DMN3900UFA Datasheet
275Kb / 6P
ESD Protected
Rev 4
DMP22D4UFA DIODES-DMP22D4UFA Datasheet
159Kb / 6P
ESD Protected Gate
Rev 2
DMP32D5LFA DIODES-DMP32D5LFA Datasheet
359Kb / 6P
ESD Protected
Rev 3
DMP32D9UFZ DIODES-DMP32D9UFZ Datasheet
345Kb / 6P
ESD Protected Gate
Rev 2
logo
Alpha & Omega Semicondu...
AON7262E AOSMD-AON7262E Datasheet
336Kb / 6P
ESD protected
AON7264E AOSMD-AON7264E Datasheet
348Kb / 6P
ESD protected
logo
Unisonic Technologies
UTRS485 UTC-UTRS485_17 Datasheet
263Kb / 8P
TRANSCEIVERS WITH ESD-PROTECTED
UTRS3085 UTC-UTRS3085 Datasheet
262Kb / 7P
TRANSCEIVERS WITH ESD-PROTECTED
logo
Shanghai Leiditech Elec...
2N7002W LEIDITECH-2N7002W Datasheet
1Mb / 6P
ESD Protected:1000V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com