Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3018SFG Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN3018SFG
Description  ESD Protected Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3018SFG Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN3018SFG Datasheet HTML 1Page - Diodes Incorporated DMN3018SFG Datasheet HTML 2Page - Diodes Incorporated DMN3018SFG Datasheet HTML 3Page - Diodes Incorporated DMN3018SFG Datasheet HTML 4Page - Diodes Incorporated DMN3018SFG Datasheet HTML 5Page - Diodes Incorporated DMN3018SFG Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN3018SFG
Document number: DS35638 Rev. 4 - 2
4 of 6
www.diodes.com
April 2014
© Diodes Incorporated
DMN3018SFG
0
0.4
0.8
1.2
1.6
2.0
2.4
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Figure 7 Gate Threshold Variation vs. Ambient Temperature
J
°
I= 1mA
D
I= 250µA
D
0
5
10
15
20
0
0.2
0.4
0.6
0.8
1.0
1.2
V , SOURCE-DRAIN VOLTAGE (V)
SD
Figure 8 Diode Forward Voltage vs. Current
T= 25°C
A
0
5
10
15
20
V , DRAIN-SOURCE VOLTAGE (V)
DS
Figure 9 Typical Junction Capacitance
10
100
1,000
Ciss
f = 1MHz
Coss
Crss
0
2
4
6
8
10
12
14
16
Q(nC)
g, TOTAL GATE CHARGE
Figure 10 Gate Charge
0
2
4
6
8
10
V
= 15V
I= A
DS
D
9
t1, PULSE DURATION TIME (sec)
Figure 11 Transient Thermal Resistance
R
(t) = r(t) * R
R
= 127°C/W
Duty Cycle, D = t1/ t2
θθ
θ
JA
JA
JA
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com