Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4021B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4021B
Description  ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4021B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4021B Datasheet HTML 1Page - STMicroelectronics HCF4021B Datasheet HTML 2Page - STMicroelectronics HCF4021B Datasheet HTML 3Page - STMicroelectronics HCF4021B Datasheet HTML 4Page - STMicroelectronics HCF4021B Datasheet HTML 5Page - STMicroelectronics HCF4021B Datasheet HTML 6Page - STMicroelectronics HCF4021B Datasheet HTML 7Page - STMicroelectronics HCF4021B Datasheet HTML 8Page - STMicroelectronics HCF4021B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2001
s
MEDIUM SPEED OPERATION : 12 MHz
(Typ.) CLOCK RATE AT VDD - VSS = 10V
s
FULLY STATIC OPERATION
s
8 MASTER-SLAVE FLIP-FLOPS PLUS
OUTPUT BUFFERING AND CONTROL
GATING
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4021B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
This device is an 8-stage parallel or serial input/
serial output register having common CLOCK and
PARALLEL/SERIAL CONTROL inputs, a single
SERIAL data input, and individual parallel "JAM"
inputs to each register stage. Each register stage
is a D-type, master-slave flip-flop in addition to an
output from stage 8, "Q" outputs are also available
from stages 6 and 7. Serial entry is synchronous
with the clock but parallel entry is asynchronous.
In
this
device,
entry
is
controlled
by
the
PARALLEL/SERIAL CONTROL input. When the
PARALLEL/SERIAL CONTROL input is low, data
is
serially
shifted
into
the
8-stage
register
synchronously with the positive transition of he
clock
line.
When
the
PARALLEL/SERIAL
CONTROL input is high, data is jammed into the
8-stage register via the parallel input lines and
synchronous with the positive transition of the
clock line, the CLOCK input of the internal stage is
"forced" when asynchronous parallel entry is
made. Register expansion using multiple package
is permitted.
HCF4021B
ASYNCHRONOUS PARALLEL IN OR SYNCHRONOUS
SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4021BEY
SOP
HCF4021BM1
HCF4021M013TR
DIP
SOP


Similar Part No. - HCF4021B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4021B STMICROELECTRONICS-HCF4021B Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
HCF4021BC1 STMICROELECTRONICS-HCF4021BC1 Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
HCF4021BEY STMICROELECTRONICS-HCF4021BEY Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
HCF4021BF STMICROELECTRONICS-HCF4021BF Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
HCF4021BM1 STMICROELECTRONICS-HCF4021BM1 Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
More results

Similar Description - HCF4021B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
logo
STMicroelectronics
HCF4014B STMICROELECTRONICS-HCF4014B Datasheet
225Kb / 10P
SYNCHRONOUS PARALLEL OR SERIAL IN/SERIAL OUT 8 - STAGE STATIC SHIFT REGISTER
Oct-2002
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
logo
STMicroelectronics
HCF4021 STMICROELECTRONICS-HCF4021 Datasheet
292Kb / 13P
Asynchronous parallel input or synchronous serial-in/serial-out 8-stage static shift register
September 2013 Rev 3
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
Sep-1988
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com