Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBT2907
Description  Surface Mount Si-Epi-Planar Switching Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT2907 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT2907 Datasheet HTML 1Page - Diotec Semiconductor MMBT2907 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT2907 / MMBT2907A
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 2)
- IC = 150 mA, - IB = 15 mA
- IC = 500 mA, - IB = 50 mA
- VCEsat
- VCEsat
–
–
–
–
0.4 V
1.6 V
Base-Emitter saturation voltage – Basis-Sättigungsspannung 2)
- IC = 150 mA, - IB = 15 mA
- IC = 500 mA, - IB = 50 mA
- VBEsat
- VBEsat
–
–
–
–
1.3 V
2.6 V
Collector-Base cutoff current – Kollektor-Basis-Reststrom
- VCB = 50 V, (E open)
MMBT2907
MMBT2907A
- ICBO
- ICBO
–
–
–
–
20 nA
10 nA
- VCB = 50 V, Tj = 125°C, (E open)
- ICBO
–
–
20 µA
Gain-Bandwidth Product – Transitfrequenz
- VCE = 20 V, - IC = 50 mA, f = 100 MHz
fT
200 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- VCB = 10 V, IE = ie = 0, f = 1 MHz
CCBO
–
–
8 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- VEB = 2 V, IC = ic = 0, f = 1 MHz
CEBO
–
–
30 pf
Switching times – Schaltzeiten (between 10% and 90% levels)
turn on
delay time
rise time
- VCC = 30 V, - VBE = 1.5 V
- IC = 150 mA, - IB1 = 15mA
ton
–
–
45 ns
td
–
–
10 ns
tr
–
–
40 ns
turn off
storage time
fall time
- VCC = 30 V, - IC = 150 mA,
- IB1 = - IB2 = 15 mA
toff
–
–
100 ns
ts
–
–
80 ns
tf
–
–
30 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 420 K/W 1)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
MMBT2222 / MMBT2222A
Marking - Stempelung
MMBT2907 = 2B
MMBT2907A = 2F
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com