Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # MMBT2907
Description  Surface Mount Si-Epi-Planar Switching Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT2907 Datasheet(HTML) 1 Page - Diotec Semiconductor

  MMBT2907 Datasheet HTML 1Page - Diotec Semiconductor MMBT2907 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBT2907 / MMBT2907A
MMBT2907 / MMBT2907A
PNP
Surface Mount Si-Epi-Planar Switching Transistors
Si-Epi-Planar Schalttransistoren für die Oberflächenmontage
PNP
Version 2015-05-12
Dimensions - Maße [mm]
1 = B
2 = E
3 = C
Power dissipation – Verlustleistung
250 mW
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
MMBT2907
MMBT2907A
Collector-Emitter-volt. – Kollektor-Emitter-Spannung
B open
- VCEO
40 V
60 V
Collector-Base-voltage – Kollektor-Basis-Spannung
E open
- VCBO
60 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
- VEBO
5 V
Power dissipation – Verlustleistung
Ptot
250 mW 1)
Collector current – Kollektorstrom (dc)
- IC
600 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 2)
- IC = 0.1 mA, - VCE = 10 V
MMBT2907
MMBT2907A
hFE
hFE
35
75
–
–
–
–
- IC = 1 mA, - VCE = 10 V
MMBT2907
MMBT2907A
hFE
hFE
50
100
–
–
–
–
- IC = 10 mA, - VCE = 10 V
MMBT2907
MMBT2907A
hFE
hFE
75
100
–
–
–
–
- IC = 500 mA, - VCE = 10 V
MMBT2907
MMBT2907A
hFE
hFE
30
50
–
–
–
–
- IC = 150 mA, - VCE = 10 V
hFE
100
–
300
Collector-Emitter saturation voltage – Kollektor-Sättigungsspannung 2)
- IC = 150 mA, - IB = 15 mA
- IC = 500 mA, - IB = 50 mA
MMBT2907
MMBT2907A
- VCEsat
- VCEsat
–
–
–
–
0.4 V
1.6 V
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
+0.1
0.4+0.1
2.9 ±0.1
1
2
3
Type
Code
1.9±0.1
-0.05
-0.2


Similar Part No. - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBT2907 SAMSUNG-MMBT2907 Datasheet
69Kb / 2P
PNP (GENERAL PURPOSE TRANSISTOR)
logo
Fairchild Semiconductor
MMBT2907 FAIRCHILD-MMBT2907 Datasheet
42Kb / 2P
PNP General Purpose Amplifier
logo
Diotec Semiconductor
MMBT2907 DIOTEC-MMBT2907 Datasheet
59Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Comchip Technology
MMBT2907 COMCHIP-MMBT2907 Datasheet
139Kb / 5P
General Purpose Transistor (PNP)
logo
Weitron Technology
MMBT2907 WEITRON-MMBT2907 Datasheet
159Kb / 6P
PNP General Purpose Transistors
More results

Similar Description - MMBT2907

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222_07 Datasheet
100Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT2369 DIOTEC-MMBT2369 Datasheet
98Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT2907 DIOTEC-MMBT2907_07 Datasheet
99Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT3904 DIOTEC-MMBT3904 Datasheet
99Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT3906 DIOTEC-MMBT3906 Datasheet
100Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
PN2222 DIOTEC-PN2222 Datasheet
97Kb / 2P
Si-Epi-Planar Switching Transistors Si-Epi-Planar Schalttransistoren
MMBT3904 DIOTEC-MMBT3904_10 Datasheet
99Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT3906 DIOTEC-MMBT3906_09 Datasheet
104Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT3904 DIOTEC-MMBT3904_15 Datasheet
101Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
MMBT2222A DIOTEC-MMBT2222A Datasheet
100Kb / 2P
Surface Mount Si-Epi-Planar Switching Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com