Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DB Datasheet(PDF) 25 Page - STMicroelectronics

Part # M29F800DB
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M29F800DB Datasheet HTML 21Page - STMicroelectronics M29F800DB Datasheet HTML 22Page - STMicroelectronics M29F800DB Datasheet HTML 23Page - STMicroelectronics M29F800DB Datasheet HTML 24Page - STMicroelectronics M29F800DB Datasheet HTML 25Page - STMicroelectronics M29F800DB Datasheet HTML 26Page - STMicroelectronics M29F800DB Datasheet HTML 27Page - STMicroelectronics M29F800DB Datasheet HTML 28Page - STMicroelectronics M29F800DB Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25/39
M29F800DT, M29F800DB
PACKAGE MECHANICAL
Figure 15. SO44 - 44 lead Plastic Small Outline, 525 mils body width, Package Outline
Note: Drawing is not to scale.
Table 16. SO44 – 44 lead Plastic Small Outline, 525 mils body width, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
2.80
0.1102
A1
0.10
0.0039
A2
2.30
2.20
2.40
0.0906
0.0866
0.0945
b
0.40
0.35
0.50
0.0157
0.0138
0.0197
C
0.15
0.10
0.20
0.0059
0.0039
0.0079
CP
0.08
0.0030
D
28.20
28.00
28.40
1.1102
1.1024
1.1181
E
13.30
13.20
13.50
0.5236
0.5197
0.5315
EH
16.00
15.75
16.25
0.6299
0.6201
0.6398
e1.27
0.0500
L
0.80
0.0315
a8
8
N44
44
SO-d
E
N
D
C
L
A1
α
EH
A
1
e
CP
b
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com