Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F800DB Datasheet(PDF) 31 Page - STMicroelectronics

Part # M29F800DB
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M29F800DB Datasheet HTML 27Page - STMicroelectronics M29F800DB Datasheet HTML 28Page - STMicroelectronics M29F800DB Datasheet HTML 29Page - STMicroelectronics M29F800DB Datasheet HTML 30Page - STMicroelectronics M29F800DB Datasheet HTML 31Page - STMicroelectronics M29F800DB Datasheet HTML 32Page - STMicroelectronics M29F800DB Datasheet HTML 33Page - STMicroelectronics M29F800DB Datasheet HTML 34Page - STMicroelectronics M29F800DB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
31/39
M29F800DT, M29F800DB
Table 24. Device Geometry Definition
Address
Data
Description
Value
x16
x8
27h
4Eh
0014h
Device Size = 2n in number of bytes
1 MByte
28h
29h
50h
52h
0002h
0000h
Flash Device Interface Code description
x8, x16
Async.
2Ah
2Bh
54h
56h
0000h
0000h
Maximum number of bytes in multi-byte program or page = 2n
NA
2Ch
58h
0004h
Number of Erase Block Regions within the device.
It specifies the number of regions within the device containing
contiguous Erase Blocks of the same size.
4
2Dh
2Eh
5Ah
5Ch
0000h
0000h
Region 1 Information
Number of identical size erase block = 0000h+1
1
2Fh
30h
5Eh
60h
0040h
0000h
Region 1 Information
Block size in Region 1 = 0040h * 256 byte
16 Kbyte
31h
32h
62h
64h
0001h
0000h
Region 2 Information
Number of identical size erase block = 0001h+1
2
33h
34h
66h
68h
0020h
0000h
Region 2 Information
Block size in Region 2 = 0020h * 256 byte
8 Kbyte
35h
36h
6Ah
6Ch
0000h
0000h
Region 3 Information
Number of identical size erase block = 0000h+1
1
37h
38h
6Eh
70h
0080h
0000h
Region 3 Information
Block size in Region 3 = 0080h * 256 byte
32 Kbyte
39h
3Ah
72h
74h
000Eh
0000h
Region 4 Information
Number of identical-size erase block = 000Eh+1
15
3Bh
3Ch
76h
78h
0000h
0001h
Region 4 Information
Block size in Region 4 = 0100h * 256 byte
64 Kbyte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com