Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA160DA Datasheet(PDF) 1 Page - SanRex Corporation

Part # SCA160DA
Description  THYRISTOR MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SCA160DA Datasheet(HTML) 1 Page - SanRex Corporation

  SCA160DA Datasheet HTML 1Page - SanRex Corporation SCA160DA Datasheet HTML 2Page - SanRex Corporation SCA160DA Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCA
(SCE)160DA
THYRISTOR MODULE
Circuit Diagram
UL; E76102
(M)
SCA
(SCE)160DA
《Features and Advantages》
《特長》
• New and unique gate design for higher di/dv (Integrated
Thyristor. 2.5 times higher than existing products)
• 独自
構造
採用 di/dt耐量向上
(
部 従来比2.5倍
〔当社比〕)
• Newly designed and less-layered internal structure for
improved heat dissipation (low thermal resistance)
• 新設計 低積層内部構造
放熱性 改善
•
両面
接合
相乗効果
長期信頼性 向上(従来比2倍〔当社比〕)
• 環境 配慮
鉛
採用
• UL規格取得 UL File №E76102
• 欧州RoHS指令適合
• In addition to reduced layer design, soldering on both
sides of chips increased the long-term reliability
(2 times longer than existing products)
• UL recognized under UL File №E76102
• EU RoHS compliant
《Applications》
《用途》
• Motor drives
• 汎用
• Servo controller
•
• Power controller
• 電力調整器
• UPS
• UPS
• Soft starter
•
• Power supplies
• 各種電源装置
■Maximum Ratings
 最大定格
(Tj=25℃ unless otherwise specified/指定なき場合はTj=25℃とする)
Symbol
記号
Item
項 目
Ratings
 定格値
Unit
単位
SCA160DA80
SCE160DA80
SCA160DA160
SCE160DA160
VRRM
*Repetitive Peak Reverse Voltage
*定格ピーク繰返し逆電圧
800
1600
V
VRSM
*Non-Repetitive Peak Reverse Voltage
*定格ピーク非繰返し逆電圧
960
1700
V
VDRM
Repetitive Peak Off-state Voltage
定格ピーク繰返しオフ電圧
800
1600
V
Symbol 記号
Item 項 目
Conditions 条 件
Ratings 定格値
Unit 単位
IT(AV)
IF(AV)
*Average On-state
(Forward)Current
*定格平均オン(順)電流
Single phase, half wave, 180
°conduction,
単相半波平均値180°導通角
Tc
=88℃
160
A
IT(RMS)
IF(RMS)
*R.M.S. On-state
(Forward)Current
*定格実効オン(順)電流
Single phase, half wave, 180
°conduction,
単相半波実効値180°導通角
Tc
=88℃
251
A
ITSM
IFSM
*Surge On-state
(Forward)Current
*定格サージオン(順)電流
½cycle, 50/60Hz, Peak value, non-repetitive
50/60Hz
 商用単相半波 1サイクル波高値 非繰返し
5400/5900
A
I2t
*I2t
*電流二乗時間積
Value for one cycle surge current
定格サージオン電流に対する値
145000
A2s
PGM
Peak Gate Power Dissipation
定格ピークゲート損失
10
W
PG(AV)
Average Gate Power Dissipation
定格平均ゲート損失
3
W
IFGM
Peak Gate Current
定格ピークゲート順電流
3
A
VFGM
Peak Gate Voltage
(Forward)
定格ピークゲート順電圧
10
V
VRGM
Peak Gate Voltage
(Reverse)
定格ピークゲート逆電圧
5
V
di/dt
Critical Rate of Rise of On-state Current
定格臨界オン電流上昇率
IG
=100mA, VD=½VDRM, dIG/dt=0.1A/μs
500
A/
μs
VISO
*Isolation Breakdown Voltage
*絶縁耐圧
A.C. 1minute
実効値,A.C.1分間
2500
V
Tj
*Operating Junction Temperature
*定格接合部温度
-40~+125
℃
Tstg
*Storage Temperature
*保存温度
-40~+125
℃
Mounting Torque
締付トルク
Mount
(M6)取付
Recommended value
推奨値
2.5
~3.9N・m
4.7
N
・m
Terminal
(M6)主端子
Recommended value
推奨値
2.5
~3.9N・m
4.7
Mass
 質量
Typical value
 標準値
210
g
(SCA160AA-S75-1303)
93.5±1.0
2−φ6.5±0.2
2−5.0±0.3
80±0.3
23±0.3
23±0.3
17.0
3-M6
63.5
2
6
7
5
4
3
1
(screwing depth:12mm)
Unit
単位:mm
∼
+
−
5(K1)
4(G1)
7(K2)
6(G2)
1
2
3
∼
+
−
5(K1)
4(G1)
1
2
3
SCA
SCE


Similar Part No. - SCA160DA

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA160AA SANREX-SCA160AA Datasheet
685Kb / 3P
THYRISTOR MODULE
SCA160AA160 SANREX-SCA160AA160 Datasheet
685Kb / 3P
THYRISTOR MODULE
SCA160AA180 SANREX-SCA160AA180 Datasheet
685Kb / 3P
THYRISTOR MODULE
SCA160AA80 SANREX-SCA160AA80 Datasheet
685Kb / 3P
THYRISTOR MODULE
logo
Micro Commercial Compon...
SCA160CA MCC-SCA160CA Datasheet
165Kb / 4P
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
More results

Similar Description - SCA160DA

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com