Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA160DA Datasheet(PDF) 3 Page - SanRex Corporation

Part # SCA160DA
Description  THYRISTOR MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

SCA160DA Datasheet(HTML) 3 Page - SanRex Corporation

  SCA160DA Datasheet HTML 1Page - SanRex Corporation SCA160DA Datasheet HTML 2Page - SanRex Corporation SCA160DA Datasheet HTML 3Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCA(SCE)160DA
Surge Forward Current Rating(Non-Repetitive)
サージ順電流耐量(非繰り返し)
1
10
100
6000
5000
4000
3000
2000
1000
0
Times
通電サイクル数 n(Cycles)
サージ順電流
IFSM
(A)
Single phase half wave
Tj=25℃ start
60Hz
50Hz
Per one element
単位エレメント当り
per one Element
単位エレメント当たり
per one Element
単位エレメント当たり
junction to caseθj-c
接合部─ケースθj-c
junction to caseθj-c
接合部─ケースθj-c
junction to sinkθj-s
接合部─シンクθj-s
junction to sinkθj-s
接合部─シンクθj-s
Time
時間 t(秒)
Transient Thermal Impedance
過渡熱インピーダンス特性
1.0E+01
1.0E+02
0
0.05
0.1
0.15
0.2
0.25
0.3
1.0E−03
1.0E−02
1.0E−01
1.0E+00
過渡熱抵抗
(℃/W)
θ
j-c
θ=180゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
θ
π
2π
0
180゜
360゜
Current vs. Power Dissipation
最大電力損失特性
Average On-State Current
平均オン電流 IT(AV)(A)
250
200
0
20 40
60
80 100 120 140 160 180 200
0
50
100
150
電力損失
 
(W)
P
θ
π
2π
0
180゜
360゜
Current vs. Allowable Case Temperature
電流対最大許容ケース温度
Average On-state Current
平均オン電流 IT(AV)(A)
150
140
130
120
110
100
90
80
50
60
70
0
20
40
60
140 160 180 200
120
100
80
最大許容ケース温度
 
TC
(℃)
θ=180゜
θ=180゜
θ=180゜
θ=120゜
θ=120゜
θ=120゜
θ=90゜
θ=90゜
θ=90゜
θ=60゜
θ=60゜
θ=60゜
θ=30゜
θ=30゜
θ=30゜
ID(RMS)
Conduction Angle 180°
Conduction Angle 180°
Rth:0.5℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
Interface Thermal Impedance:0.05℃/W per Module
Rth:Heat Sink Thermal Impedance
75
110
80
85
90
95
100
105
120
115
125
300
200
100
0
50 75
25
−25 0
100 125
500
200
300
400
100
0
Output Current
出力電流(A)
Ambient Temperature
周囲温度(℃)
許容ケース温
度
(℃)
総損
失
(W)
Output Current(W1;Bidirectional connection)
許容出力電流(W1;逆並列接続)
75
115
80
85
90
95
100
105
110
120
125
100 150 200 250 300
0 50
50 75
25
−25 0
100 125
400
600
1000
800
200
0
Output Current
出力電流(A)
Ambient Temperature
周囲温度(℃)
総損
失
(W)
許容ケース温
度
(℃)
Output Current(B2;Two pulse bridge connection)
許容出力電流(B2;単相ブリッジ接続)
Conduction Angle 180°
Conduction Angle 180°
Interface Thermal Impedance:0.05℃/W per Module
Rth:Heat Sink Thermal Impedance
Rth:0.5℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
ID(AV)
ID(AV)
ID(RMS)
Rth:0.5℃/W
Rth:0.3℃/W
Rth:0.2℃/W
Rth:0.1℃/W
Rth:0.05℃/W
B6
B6
W3
W3
Interface Thermal Impedance:0.05℃/W per Module
Rth:Heat Sink Thermal Impedance
400
300
200
100
0
50 75
25
−25 0
100 125
1600
400
600
800
1200
1000
1400
200
0
Output Current
出力電流(A)
Ambient Temperature
周囲温度(℃)
総損
失
(W)
75
80
115
85
90
95
100
105
110
120
125
Output Current
(B6;Six pulse bridge connection,W3;Three phase bidirectional connection)
許容出力電流(B6;三相ブリッジ接続,W3;三相逆並列接続)
許容ケース温
度
(℃)
Conduction Angle 180°
Conduction Angle 180°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com