Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACT20 Datasheet(PDF) 2 Page - Recom International Power

Part # RACT20
Description  20W Triac Dimmable LED Driver Selection Guide
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACT20 Datasheet(HTML) 2 Page - Recom International Power

  RACT20 Datasheet HTML 1Page - Recom International Power RACT20 Datasheet HTML 2Page - Recom International Power RACT20 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RACT20
Series
Specifications (typical at 25°C, nominal input voltage, rated output current unless otherwise specified)
Characteristics
LIGHTLINE
DC/DC-Converter
100%
0%
70°
140°
Phase angle
RACT20-xxx-US
100%
0%
60°
140° 150°
Phase angle
RACT20-700 & RACT20-1050
RACT20-350 & RACT20-500
180°
180°
100
60
20
40
135
100
90
Input Voltage (VAC)
0
80
Ta=25°C
100
60
20
40
264
200
180
Input Voltage (VAC)
0
80
Ta=25°C
Storage Temperature
-40°C to +85°C
Relative Humidity
95% RH
EMC
design refer to EN55022
Class B
IP Rating
IP Rating suitable for indoor LED lighting system
IP20
Design Lifetime
25°C ambient
>70 x 103 hours in operation
Package Weight
145g
Packing Quantity
1 pc.
PCB Material
Plastic Resin with Fibreglass (UL94V-0)
Case Material
Plastic
Connections
AC Input
Screw Terminal
LED Output
Screw Terminal
LED Output
5.5mm Socket with 2mm Pin
(suiteable matching plug Switchcraft S760 or similar)
Standards
ENEC Lamp Controlgear
EN61347-2-13:2006
EN61347-1:2008
Electrical Lighting, EMC Emissions
EN55015:2006 + A2:2009
Limits for Harmonics Emissions
EN 61000-3-2:2006 + A2:2009
EMC Compatability: Flicker and Voltage Variations
EN 61000-3-3:2006
Electrical Lighting: EMC Immunity
EN 61547:2009
RCM (21377)
AS/NZS 61347.1:2002, IEC 61347-2-13
FCC
FCC15B
Certifications
LED Lighting Safety (E340696)
UL8750
Information Technology Equipment - Safety
UL60950-1
CAN/CSA C22.2 No. 60950-1-07
PSE
J61347-1(H20), J61347-2-13(H21), J55015(H20)
*The triac dimmer must be capable of dimming down to zero
Dimming Response
230VAC - Version
115VAC - Version
Note:
All LED Drivers may not be used without a load. They must be switched on the primary side only. Noncompliance may damage the LED or reduce its lifetime.
L-34
www.recom-power.com
REV: 0/2015



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com