Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACT20 Datasheet(PDF) 3 Page - Recom International Power

Part # RACT20
Description  20W Triac Dimmable LED Driver Selection Guide
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACT20 Datasheet(HTML) 3 Page - Recom International Power

  RACT20 Datasheet HTML 1Page - Recom International Power RACT20 Datasheet HTML 2Page - Recom International Power RACT20 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Style and Pinning
Characteristics
129
50.2
41
23
3.5mm dia.
137.5
5.5mm socket
x 2.1mm
Cable entry
with strain relief
27
83
Tc
Connections
CN1
Function
L
VAC in (L)
N
VAC in (N)
CN2
Function
+
LED+
-
LED-
5.5mm Socket* Function
Pin
LED+
Shell
LED-
Tolerance
XX = +/-1mm
XX.X = */-0.5mm
RACT20
Series
LIGHTLINE
AC/DC-Converter
www.recom-power.com
L-35
REV: 0/2015
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Maximum Number of LED drivers per circuit breakers
Condition
Circuit Breaker
Circuit Breaker Current
Typ
10A
16A
20A
25A
115VAC, 1Ohm
90° phase angle
C
47
68
84
105
230VAC, 1Ohm
90° phase angle
B
36
57
69
85
C
57
87
109
134
277VAC, 1Ohm
90° phase angle
B
41
65
80
98
C
65
99
125
154



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com