Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1210 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1210
Description  12-Bit, uP Compatible, Double-Buffered D to A Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1210 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DAC1210 Datasheet HTML 8Page - National Semiconductor (TI) DAC1210 Datasheet HTML 9Page - National Semiconductor (TI) DAC1210 Datasheet HTML 10Page - National Semiconductor (TI) DAC1210 Datasheet HTML 11Page - National Semiconductor (TI) DAC1210 Datasheet HTML 12Page - National Semiconductor (TI) DAC1210 Datasheet HTML 13Page - National Semiconductor (TI) DAC1210 Datasheet HTML 14Page - National Semiconductor (TI) DAC1210 Datasheet HTML 15Page - National Semiconductor (TI) DAC1210 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application Hints (Continued)
20 ANALOG APPLICATIONS
The analog output signal for these DACs is derived from a
conventional R-2R current switching ladder network A de-
tailed description of this network can be found on the
DAC1000 series data sheet Basically output IOUT1 pro-
vides a current directly proportional to the product of the
applied reference voltage and the digital input word A sec-
ond output IOUT2 will be a current proportional to the com-
plement of the digital input Specifically
IOUT1 e
VREF
R
c
D
4096
IOUT2 e
VREF
R
c
4095 b D
4096
where D is the decimal equivalent of the applied 12-bit bina-
ry word (ranging from 0 to 4095) VREF is the voltage ap-
plied to the VREF terminal and R is the internal resistance of
the R-2R ladder R is nominally 15 kX
21 Obtaining a Unipolar Output Voltage
To maintain linearity of output current with changes in the
applied digital code it is important that the voltages at both
of the current output pins be as near ground potential (0
VDC) as possible With VREFea10V every millivolt appear-
ing at either IOUT1 or IOUT2 will cause a 001% linearity
error In most applications this output current is converted to
a voltage by using an op amp as shown in
Figure 9
The inverting input of the op amp is a virtual ground created
by the feedback from its output through the internal 15 kX
resistor RFb All of the output current (determined by the
digital input and the reference voltage) will flow through RFb
to the output of the amplifier Two-quadrant operation can
be obtained by reversing the polarity of VREF thus causing
IOUT1 to flow into the DAC and be sourced from the output
of the amplifier The output voltage in either case is always
equal to IOUT1cRFb and is the opposite polarity of the ref-
erence voltage
The reference can be either a stable DC voltage source or
an AC signal anywhere in the range from b10V to a10V
The DAC can be thought of as a digitally controlled attenua-
tor the output voltage is always less than the applied refer-
ence voltage The VREF terminal of the device presents a
nominal impedance of 15 kX to ground to external circuitry
Always use the internal RFb resistor to create an output
voltage since this resistor matches (and tracks with temper-
ature) the value of the resistors used to generate the output
current (IOUT1)
The selected op amp should have as low a value of input
bias current as possible The product of the bias current
times the feedback resistance creates an output voltage er-
ror which can be significant in low reference voltage appli-
cations BI-FETTM op amps are highly recommended for use
with these DACs because of their very low input current
TLH5690 – 15
VOUT eb(IOUT1 c RFb)
e
b
VREF(D)
4096
for 0 s D s 4095
FIGURE 9 Unipolar Output Configuration
BI-FETTM is a trademark of National Semiconductor Corp
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com