Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1210 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1210
Description  12-Bit, uP Compatible, Double-Buffered D to A Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1210 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DAC1210 Datasheet HTML 10Page - National Semiconductor (TI) DAC1210 Datasheet HTML 11Page - National Semiconductor (TI) DAC1210 Datasheet HTML 12Page - National Semiconductor (TI) DAC1210 Datasheet HTML 13Page - National Semiconductor (TI) DAC1210 Datasheet HTML 14Page - National Semiconductor (TI) DAC1210 Datasheet HTML 15Page - National Semiconductor (TI) DAC1210 Datasheet HTML 16Page - National Semiconductor (TI) DAC1210 Datasheet HTML 17Page - National Semiconductor (TI) DAC1210 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Application Hints (Continued)
221 Zero and Full-Scale Adjustments
To calibrate the bipolar output circuit three adjustments are
required The first step is to set all of the digital inputs LOW
(to force IOUT1 to 0) then null the VOS of amplifier 1 by
setting the voltage at its inverting input (pin 2) to zero volts
Next with a code of all zeros still applied adjust ‘‘bfull-
scale adjust’’ the reference voltage for VOUTe g
lVREF id-
eal
l The polarity of the output voltage at this time will be
opposite that of the applied reference Finally set all of the
digital inputs HIGH and adjust ‘‘afull-scale adjust’’ for
VOUT e VREF
2047
2048
The polarity of the output will be the same as that of the
reference voltage
30 APPLICATION IDEAS
In this section the digital input word is represented by the
letter D and is equal to the decimal equivalent of the 12-bit
binary input Hence D can be any integer value between 0
and 4095
Composite Amplifier for Good DC Characteristics and Fast Output Response
 Combines the low VOS
low VOS drift and low
bias current of the
LM11 with the fast
response of the LF351
 Settling time
8 mS
for a zero to full-
scale transition
High Voltage Power DAC
VOUT e
b
VREFD
4096
1 a
R2
RFb
a
R2
R1
(
TLH5690 – 17
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com