Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33889 Datasheet(PDF) 21 Page - Motorola, Inc

Part # PC33889
Description  System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33889 Datasheet(HTML) 21 Page - Motorola, Inc

Back Button PC33889 Datasheet HTML 17Page - Motorola, Inc PC33889 Datasheet HTML 18Page - Motorola, Inc PC33889 Datasheet HTML 19Page - Motorola, Inc PC33889 Datasheet HTML 20Page - Motorola, Inc PC33889 Datasheet HTML 21Page - Motorola, Inc PC33889 Datasheet HTML 22Page - Motorola, Inc PC33889 Datasheet HTML 23Page - Motorola, Inc PC33889 Datasheet HTML 24Page - Motorola, Inc PC33889 Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
PC33889
21
PC33889
7
SPI INTERFACE
7.1
Data format description
The SPI is a 8 bit SPI. First 3 bits are used to identify the internal SBC register address, bit 4 is a read/write bit. The last 4 bits
are data send from MCU to SBC or read back from SBC to MCU.
During write operation state of MISO has no signification.
During read operation only the last 4 bits at MISO have a meaning (content of the accessed register)
Following tables describe the SPI register list, and register bit meaning.
Registers “reset value” is also described, as well as the “reset condition”. reset condition is the condition which cause the bit
to be set at the “reset value”.
Possible reset condition are:
Power On Reset: POR
SBC mode transition:
NR2R - Normal Request to Reset mode
NR2N - Normal Request to Normal mode
N2R - Normal to Reset mode
STB2R - Standby to Reset mode
STO2R - Stop to Reset mode
SBC mode:
RESET - SBC in Reset mode
List of Registers
Name
Adress
Description
Comment and usage
MCR
$ 0 0 0
Mode control register
Write: Control of normal, standby, sleep, and stop modes
Read: BATFAIL flag and other status bits and flags
RCR
$ 0 0 1
Reset control register
Write: Configuration of reset voltage level, WD in stop mode, low
power mode selection
Read: CAN wake up event, Tx permanent dominant
CAN
$ 0 1 0
CAN control register
Write: CAN module control: Tx/Rx, Rec only, term Vbat, Normal and
extended modes, filter at L0 input.
Read: CAN failure status bits
IOR
$ 0 1 1
I/O control register
Write: HS1 (high side switch) control in normal and standby mode.
Gnd shift register level selection
Read: HS1 over temp bit, SHIFT bit (gnd shift above selection), Vsup
below 6.1V, V2 below 4V
WUR
$ 1 0 0
Wake up input register
Write: Control of wake up input polarity
Read: Wake up input, and real time Lx input state
TIM
$ 1 0 1
Timing register
Write: TIM1, Watchdog timing control, window or Timeout mode.
Write: TIM2, Cyclic sense and force wake up timing selection
LPC
$ 1 1 0
Low power mode
control register
Write: HS1 periodic activation in sleep and stop modes
Force wake up control
INTR
$ 1 1 1
Interrupt register
Write: Interrupt source configuration
Read: INT source
Table 7-1.
MOSI
MISO
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
D0
D1
D2
D3
R/W
A0
A1
A2
data
address
Read operation: R/W bit = 0
Write operation: R/W bit = 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com