Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4031SSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN4031SSD
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4031SSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN4031SSD Datasheet HTML 1Page - Diodes Incorporated DMN4031SSD Datasheet HTML 2Page - Diodes Incorporated DMN4031SSD Datasheet HTML 3Page - Diodes Incorporated DMN4031SSD Datasheet HTML 4Page - Diodes Incorporated DMN4031SSD Datasheet HTML 5Page - Diodes Incorporated DMN4031SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMN4031SSD
Document number: DS35410 Rev. 4 - 2
1 of 6
www.diodes.com
February 2014
© Diodes Incorporated
DMN4031SSD
D1
S1
G1
D2
S2
G2
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C (Note 5)
40V
31mΩ @ VGS = 10V
7.0A
50mΩ @ VGS = 4.5V
5.6A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
•
Motor control
•
Backlighting
•
Power Management Functions
•
DC-DC Converters
Features and Benefits
•
Low On-Resistance
•
Low Input/Output Leakage
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections Indicator: See diagram
•
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.072 grams (approximate)
SO-8
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN4031SSD-13
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
S2
D1
D2
G1
D2
D1
G2
S1
Top View
Internal Schematic
N-channel MOSFET
N-channel MOSFET
1
4
8
5
N4031SD
YY WW
1
4
8
5
N4031SD
YY WW
= Manufacturer’s Marking
N4031SD = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Year (ex: 13 = 2013)
WW = Week (01 - 53)
YY = Date Code Marking for SAT (Shanghai Assembly/ Test site)
YY = Date Code Marking for CAT (Chengdu Assembly/ Test site)
Shanghai A/T Site
Chengdu A/T Site
e3


Similar Part No. - DMN4031SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4031SSD DIODES-DMN4031SSD Datasheet
430Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN4031SSD-13 DIODES-DMN4031SSD-13 Datasheet
430Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN4031SSDQ DIODES-DMN4031SSDQ Datasheet
308Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN4031SSDQ-13 DIODES-DMN4031SSDQ-13 Datasheet
308Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN4031SSD DIODES-DMN4031SSD_15 Datasheet
247Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - DMN4031SSD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
Low On-Resistance
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com