Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN4031SSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN4031SSD
Description  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN4031SSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN4031SSD Datasheet HTML 1Page - Diodes Incorporated DMN4031SSD Datasheet HTML 2Page - Diodes Incorporated DMN4031SSD Datasheet HTML 3Page - Diodes Incorporated DMN4031SSD Datasheet HTML 4Page - Diodes Incorporated DMN4031SSD Datasheet HTML 5Page - Diodes Incorporated DMN4031SSD Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN4031SSD
Document number: DS35410 Rev. 4 - 2
2 of 6
www.diodes.com
February 2014
© Diodes Incorporated
DMN4031SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1.42
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 5)
RθJA
88
°C/W
Total Power Dissipation (Note 6)
PD
2.6
W
Thermal Resistance, Junction to Ambient @TA = +25°C (Note 6)
RθJA
48
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 8)
Drain-Source Breakdown Voltage
BVDSS
40
—
—
V
VGS = 0V, ID = 10mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
μA
VDS = 40V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 8)
Gate Threshold Voltage
VGS(th)
1.6
2.4
3.0
V
VDS = VGS, ID = 250μA
On-state drain current
ID(ON)
20
—
—
A
VGS = 10V, VDS = 5A
Static Drain-Source On-Resistance
RDS (ON)
—
19
31
mΩ
VGS = 10V, ID = 6A
—
44
50
VGS = 4.5V, ID = 5A
Forward Transfer Admittance
|Yfs|
—
11
—
S
VDS = 5V, ID = 6A
Diode Forward Voltage
VSD
—
0.74
1.0
V
VGS = 0V, IS = 1A
DYNAMIC CHARACTERISTICS (Note 9)
Input Capacitance
Ciss
—
945
—
pF
VDS = 20V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
—
69
—
pF
Reverse Transfer Capacitance
Crss
—
58
—
pF
Gate resistance
Rg
—
1.45
—
Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
8.4
—
nC
VGS = 10V, VDS = 20V,
ID = 12A
Total Gate Charge (VGS = 10V)
Qg
—
18.6
—
nC
Gate-Source Charge
Qgs
—
3.3
—
nC
Gate-Drain Charge
Qgd
—
2.2
—
nC
Turn-On Delay Time
TD(on)
—
6.4
—
ns
VGS = 10V, VDS = 20V,
RL= 1.6Ω, RG= 3Ω
Turn-On Rise Time
Tr
—
9.7
—
ns
Turn-Off Delay Time
TD(off)
—
19.8
—
ns
Turn-Off Fall Time
Tf
—
3.1
—
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout. The value in any given application depends on user’s specific board design
6. Device mounted on 1” x 1” FR-4PCB with high coverage 1 oz. Copper, single sided.
7. Repetitive rating, pulse width limited by junction temperature.
8. Short duration pulse test used to minimize self-heating effect
9. Guaranteed by design. No subject to production testing.
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5)
VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
5.2
4.1
A
Continuous Drain Current (Note 5)
VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
4.3
3.4
A
Continuous Drain Current (Note 6)
VGS = 10V
Steady
State
TA = +25°C
TA = +70°C
ID
7.0
5.6
A
Continuous Drain Current (Note 6)
VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
5.8
4.7
A
Pulsed Drain Current (Note 7)
IDM
20
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com