Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6040SVT Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMN6040SVT
Description  Low Input Capacitance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SVT Datasheet(HTML) 6 Page - Diodes Incorporated

  DMN6040SVT Datasheet HTML 1Page - Diodes Incorporated DMN6040SVT Datasheet HTML 2Page - Diodes Incorporated DMN6040SVT Datasheet HTML 3Page - Diodes Incorporated DMN6040SVT Datasheet HTML 4Page - Diodes Incorporated DMN6040SVT Datasheet HTML 5Page - Diodes Incorporated DMN6040SVT Datasheet HTML 6Page - Diodes Incorporated DMN6040SVT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMN6040SVT
Document number: DS35562 Rev. 10 - 2
6 of 7
www.diodes.com
March 2012
© Diodes Incorporated
DMN6040SVT
Package Outline Dimensions
Suggested Pad Layout
TSOT26
Dim
Min
Max
Typ
A
—
1.00
—
A1
0.01
0.10
—
A2
0.84
0.90
—
D
—
—
2.90
E
—
—
2.80
E1
—
—
1.60
b
0.30
0.45
—
c
0.12
0.20
—
e
—
—
0.95
e1
—
—
1.90
L
0.30
0.50
—
L2
—
—
0.25
θ
0°
8°
4°
θ1
4°
12°
—
All Dimensions in mm
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
c
A1
L
E1
E
A2
D
e1
e
6x b
θ
4x 1
θ
L2
A
Y1
C
C
X (6x)
Y (6x)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com