Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN6040SVT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN6040SVT
Description  Low Input Capacitance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SVT Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN6040SVT Datasheet HTML 1Page - Diodes Incorporated DMN6040SVT Datasheet HTML 2Page - Diodes Incorporated DMN6040SVT Datasheet HTML 3Page - Diodes Incorporated DMN6040SVT Datasheet HTML 4Page - Diodes Incorporated DMN6040SVT Datasheet HTML 5Page - Diodes Incorporated DMN6040SVT Datasheet HTML 6Page - Diodes Incorporated DMN6040SVT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN6040SVT
Document number: DS35562 Rev. 10 - 2
2 of 7
www.diodes.com
March 2012
© Diodes Incorporated
DMN6040SVT
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 5) VGS = 10V
Steady
State
TA = 25°C
TA = 70°C
ID
5.0
4.0
A
t<10s
TA = 25°C
TA = 70°C
ID
6.3
5.0
A
Continuous Drain Current (Note 5) VGS = 5V
Steady
State
TA = 25°C
TA = 70°C
ID
4.3
3.4
A
t<10s
TA = 25°C
TA = 70°C
ID
5.4
4.3
A
Maximum Body Diode Forward Current (Note 5)
IS
2.1
A
Pulsed Drain Current (10
μs pulse, duty cycle = 1%)
IDM
30
A
Avalanche Current (Note 6) L = 0.1mH
IAR
14.2
A
Avalanche Energy (Note 6) L = 0.1mH
EAR
10
mJ
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 4)
TA = 25°C
PD
1.2
W
TA = 70°C
0.75
Thermal Resistance, Junction to Ambient (Note 4)
Steady state
RθJA
106
°C/W
t<10s
69
°C/W
Total Power Dissipation (Note 5)
TA = 25°C
PD
1.8
W
TA = 70°C
1.1
Thermal Resistance, Junction to Ambient (Note 5)
Steady state
RθJA
68
°C/W
t<10s
44
°C/W
Thermal Resistance, Junction to Case (Note 5)
RθJC
20
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
0
20
40
60
80
100
t1, PULSE DURATION TIME (sec)
Fig. 1 Single Pulse Maximum Power Dissipation
0.001 0.01
0.1
1
10
100
1,000
0.0001
Single Pulse
R
= 72 C/W
R
= r
* R
T - T = P * R
θ
θθ
θ
JA
JA(t)
(t)
JA
JA
JA(t)
°
0.1
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 2 SOA, Safe Operation Area
DS
0.01
0.1
1
10
100
R
Limited
DS(on)
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
P
= 10 s
W
µ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com