Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229PDTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6229PDTR
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229PDTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6229PDTR Datasheet HTML 6Page - STMicroelectronics L6229PDTR Datasheet HTML 7Page - STMicroelectronics L6229PDTR Datasheet HTML 8Page - STMicroelectronics L6229PDTR Datasheet HTML 9Page - STMicroelectronics L6229PDTR Datasheet HTML 10Page - STMicroelectronics L6229PDTR Datasheet HTML 11Page - STMicroelectronics L6229PDTR Datasheet HTML 12Page - STMicroelectronics L6229PDTR Datasheet HTML 13Page - STMicroelectronics L6229PDTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
L6229
10/25
verse recovery of the freewheeling diodes. The L6229 provides a 1µs Blanking Time tBLANK that inhibits the
comparator output so that the current spike cannot prematurely retrigger the monostable.
Figure 10. PWM Current Controller Simplified Schematic
Figure 11. Output Current Regulation Waveforms
DRIVERS
+
DEAD TIME
S
Q
R
DRIVERS
+
DEAD TIME
DRIVERS
+
DEAD TIME
OUT3
OUT2
SENSEB
SENSEA
RSENSE
D02IN1380
RCOFF
ROFF
COFF
VREF
OUT1
+
+
-
-
1
µs
5mA
BLANKER
SENSE
COMPARATOR
MONOSTABLE
SET
2.5V
5V
FROM THE
LOW-SIDE
GATE DRIVERS
BLANKING TIME
MONOSTABLE
VSB
VS
VSA
TO GATE
LOGIC
(0)
(1)
OFF
BC
DD
A
tON
tOFF
BC
ON
2.5V
0
Slow Decay
Slow Decay
1
µs tBLANK
tRCRISE
tRCRISE
SYNCHRONOUS RECTIFICATION
1
µs tBLANK
5V
VRC
VSENSE
VREF
IOUT
VREF
RSENSE
D02IN1351
tOFF
1
µs tDT
1
µs tDT
tRCFALL
tRCFALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com