Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6229PDTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6229PDTR
Description  DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6229PDTR Datasheet(HTML) 5 Page - STMicroelectronics

  L6229PDTR Datasheet HTML 1Page - STMicroelectronics L6229PDTR Datasheet HTML 2Page - STMicroelectronics L6229PDTR Datasheet HTML 3Page - STMicroelectronics L6229PDTR Datasheet HTML 4Page - STMicroelectronics L6229PDTR Datasheet HTML 5Page - STMicroelectronics L6229PDTR Datasheet HTML 6Page - STMicroelectronics L6229PDTR Datasheet HTML 7Page - STMicroelectronics L6229PDTR Datasheet HTML 8Page - STMicroelectronics L6229PDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
L6229
PACKAGE
Name
Type
Function
SO24/
PowerDIP24
PowerSO36
PIN #
PIN #
10
25
SENSEB
Power Supply
Half Bridge 3 Source Pin. This pin must be connected
together with pin SENSEA to Power Ground through a
sensing power resistor. At this pin also the Inverting
Input of the Sense Comparator is connected.
11
26
FWD/REV
Logic Input
Selects the direction of the rotation. HIGH logic level
sets Forward Operation, whereas LOW logic level sets
Reverse Operation.
If not used, it has to be connected to GND or +5V..
12
27
EN
Logic Input
Chip Enable. LOW logic level switches OFF all Power
MOSFETs.
If not used, it has to be connected to +5V.
13
28
VREF
Logic Input
Current Controller Reference Voltage.
Do not leave this pin open or connect to GND.
14
29
BRAKE
Logic Input
Brake Input pin. LOW logic level switches ON all High
Side Power MOSFETs, implementing the Brake
Function.
If not used, it has to be connected to +5V.
15
30
VBOOT
Supply Voltage Bootstrap Voltage needed for driving the upper Power
MOSFETs.
16
32
OUT3
Power Output
Output 3.
17
33
VSB
Power Supply
Half Bridge 3 Power Supply Voltage. It must be
connected to the supply voltage together with pin VSA.
20
4
VSA
Power Supply
Half Bridge 1 and Half Bridge 2 Power Supply Voltage.
It must be connected to the supply voltage together
with pin VSB.
21
5
OUT2
Power Output
Output 2.
22
7
VCP
Output
Charge Pump Oscillator Output.
23
8
H2
Sensor Input
Single Ended Hall Effect Sensor Input 2.
24
9
H3
Sensor Input
Single Ended Hall Effect Sensor Input 3.
Table 6. Electrical Characteristics
(VS = 48V , Tamb = 25 °C , unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VSth(ON) Turn ON threshold
5.8
6.3
6.8
V
VSth(OFF) Turn OFF threshold
5
5.5
6
V
IS
Quiescent Supply Current
All Bridges OFF;
Tj = -25 to 125°C (6)
510
mA
TJ(OFF)
Thermal Shutdown Temperature
165
°C
Output DMOS Transistors
RDS(ON) High-Side + Low-Side Switch ON
Resistance
Tj = 25
°C
1.47
1.69
Ω
Tj =125
°C (7)
2.35
2.70
Ω
IDSS
Leakage Current
EN = Low; OUT = VCC
2mA
EN = Low; OUT = GND
-0.3
mA
Table 5. Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com