Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6754 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MP6754
Description  Silicon N Channel IGBT(High Power Switching Applications Motor Control Applications)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6754 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MP6754 Datasheet HTML 1Page - Toshiba Semiconductor MP6754 Datasheet HTML 2Page - Toshiba Semiconductor MP6754 Datasheet HTML 3Page - Toshiba Semiconductor MP6754 Datasheet HTML 4Page - Toshiba Semiconductor MP6754 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MP6754
2001-03-13 2/5
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-emitter voltage
VCES
600
V
Gate-emitter voltage
VGES
± 20
V
DC
IC
10
Collector current
1ms
ICP
20
A
DC
IF
10
Forward current
1ms
IFM
20
A
Collector power dissipation (Tc = 25°C)
PC
40
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−40 ~ 125
°C
Isolation voltage
VISOL
2500
(AC 1 minute)
V
Screw torque
―
1.5
N·m
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGES
VGE = ± 20V, VCE = 0
―
―
± 500
nA
Collector cut-off current
ICES
VCE = 600V, VGE = 0
―
―
1.0
mA
Gate-emitter cut-off voltage
VGE (off)
IC = 10mA, VCE = 5V
6.0
―
9.0
V
Collector-emitter saturation voltage
VCE (sat)
IC = 10A, VGE = 15V
―
3.0
4.0
V
Input capacitance
Cies
VCE = 10V, VGE = 0, f = 1MHz
―
620
―
pF
Rise time
tr
―
0.3
0.6
Turn-on time
ton
―
0.4
0.8
Fall time
tf
―
0.2
0.35
Switching time
Turn-off time
toff
―
0.4
0.8
µs
Forward voltage
VF
IF = 10A, VGE = 0
―
1.7
2.5
V
Reverse recovery time
trr
IF = 10A, VGE = −10V
di / dt = 100A / µs
―
0.08
0.15
µs
Transistor
―
―
3.09
Thermal resistance
Rth (j-c)
Diode
―
―
3.09
°C / W
· The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
· The information contained herein is subject to change without notice.
000707EAA2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com