Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6754 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # MP6754
Description  Silicon N Channel IGBT(High Power Switching Applications Motor Control Applications)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MP6754 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  MP6754 Datasheet HTML 1Page - Toshiba Semiconductor MP6754 Datasheet HTML 2Page - Toshiba Semiconductor MP6754 Datasheet HTML 3Page - Toshiba Semiconductor MP6754 Datasheet HTML 4Page - Toshiba Semiconductor MP6754 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MP6754
2001-03-13 1/5
TOSHIBA GTR Module Silicon N Channel IGBT
MP6754
High Power Switching Applications
Motor Control Applications
l The electrodes are isolated from case.
l 6 IGBTs are built into 1 package.
l Enhancement-mode
l Low saturation voltage
: VCE (sat) = 4.0V (Max) (IC = 10A)
l High speed : tf = 0.35µs (Max) (IC = 10A)
trr = 0.15µs (Max) (IF = 10A)
Equivalent Circuit
JEDEC
―
EIAJ
―
TOSHIBA
2-78A1A
Weight: 44g (Typ.)
Unit: mm
· TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the
buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and
to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or
damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the
most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling
Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
· The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy
control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
000707EAA2


Similar Part No. - MP6754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP6750 TOSHIBA-MP6750 Datasheet
190Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MP6752 TOSHIBA-MP6752 Datasheet
260Kb / 6P
HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MP6753 TOSHIBA-MP6753 Datasheet
197Kb / 5P
INSULATED GATE BIPOLAR TRANSISTOR
MP6757 TOSHIBA-MP6757 Datasheet
276Kb / 6P
GTR MODULE SILICON N CHANNEL LGBT
MP6759 TOSHIBA-MP6759 Datasheet
150Kb / 6P
TOSHIBA GTR Module Silicon N Channel IGBT
More results

Similar Description - MP6754

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT10J303 TOSHIBA-GT10J303 Datasheet
291Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J101 TOSHIBA-GT15J101 Datasheet
208Kb / 3P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J102 TOSHIBA-GT15J102 Datasheet
207Kb / 3P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
GT15J103 TOSHIBA-GT15J103 Datasheet
190Kb / 3P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG15Q6ES42 TOSHIBA-MG15Q6ES42 Datasheet
258Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG25Q6ES51A TOSHIBA-MG25Q6ES51A Datasheet
263Kb / 7P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG300Q1US41 TOSHIBA-MG300Q1US41 Datasheet
252Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG400Q1US51 TOSHIBA-MG400Q1US51 Datasheet
309Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50J6ES50 TOSHIBA-MG50J6ES50 Datasheet
307Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
MG50Q2YS40 TOSHIBA-MG50Q2YS40 Datasheet
253Kb / 5P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com