Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54L93 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54L93
Description  Decade, Divide-by-12, and Binary Counters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54L93 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM54L93 Datasheet HTML 1Page - National Semiconductor (TI) DM54L93 Datasheet HTML 2Page - National Semiconductor (TI) DM54L93 Datasheet HTML 3Page - National Semiconductor (TI) DM54L93 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF6637
June 1989
DM54L93
Decade Divide-by-12 and Binary Counters
General Description
Each of these monolithic counters contains four master-
slave flip-flops and additional gating to provide a divide-by-
two counter and a three-stage binary counter for which the
count cycle length is divide-by-eight
To use their maximum count length (decade divide-by-
twelve or four-bit binary) the B input is connected to the QA
output The input count pulses are applied to input A and the
outputs are as described in the appropriate truth table
Features
Y
Typical power dissipation 16 mW
Y
Count frequency 15 MHz
Connection Diagram
Dual-In-Line Package
TLF6637 – 1
Order Number DM54L93J or DM54L93W
See NS Package Number J14A or W14B
Function Tables
COUNT SEQUENCE
(See Note A)
Count
Output
QD
QC
QB
QA
0L
L
L
L
1L
L
L
H
2L
L
H
L
3L
L
H
H
4L
H
L
L
5L
H
L
H
6L
H
H
L
7L
H
H
H
8H
L
L
L
9H
L
L
H
10
H
L
H
L
11
H
L
H
H
12
H
H
L
L
13
H
H
L
H
14
H
H
H
L
15
H
H
H
H
RESETCOUNT TRUTH TABLE (Note B)
Reset Inputs
Output
R0(1)
R0(2)
QD
QC
QB
QA
HH
L
L
L
L
L
X
COUNT
X
L
COUNT
Note A
Output QA is connected to input B
Note B
H e High Level L e Low Level X e Don’t Care
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM54L93

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54L95 NSC-DM54L95 Datasheet
105Kb / 4P
4-Bit Parallel Access Shift Registers
DM54L95J NSC-DM54L95J Datasheet
105Kb / 4P
4-Bit Parallel Access Shift Registers
DM54L95W NSC-DM54L95W Datasheet
105Kb / 4P
4-Bit Parallel Access Shift Registers
More results

Similar Description - DM54L93

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM5490 NSC-DM5490 Datasheet
133Kb / 10P
Decade and Binary Counters
DM74LS90 NSC-DM74LS90 Datasheet
131Kb / 10P
Decade and Binary Counters
logo
Texas Instruments
SN5490A TI-SN5490A Datasheet
414Kb / 14P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
logo
Fairchild Semiconductor
DM7490A FAIRCHILD-DM7490A Datasheet
47Kb / 5P
Decade and Binary Counters
DM74LS90 FAIRCHILD-DM74LS90 Datasheet
61Kb / 6P
Decade and Binary Counters
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
Decade, and Binary Counters
logo
Texas Instruments
SN5490A TI-SN5490A_07 Datasheet
944Kb / 23P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI-SN5490A_08 Datasheet
973Kb / 23P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI1-SN5490A_15 Datasheet
1Mb / 24P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI1-SN5490A_18 Datasheet
1Mb / 25P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com