Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM54L93 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54L93
Description  Decade, Divide-by-12, and Binary Counters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54L93 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM54L93 Datasheet HTML 1Page - National Semiconductor (TI) DM54L93 Datasheet HTML 2Page - National Semiconductor (TI) DM54L93 Datasheet HTML 3Page - National Semiconductor (TI) DM54L93 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
8V
Input Voltage
55V
Operating Free Air Temperature Range
DM54L
b
55 Cto a125 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54L93
Units
Min
Nom
Max
VCC
Supply Voltage
45
5
55
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
07
V
IOH
High Level Output Current
b
02
mA
IOL
Low Level Output Current
2
mA
fCLK
Clock Frequency (Note 5)
0
6
MHz
tW
Pulse Width (Note 5)
A
90
B90
ns
Reset
200
tREL
Reset Release time (Note 5)
200
ns
TA
Free Air Operating Temperature
b
55
125
C
Electrical Characteristics over recommended operating free air temperature (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VOH
High Level Output
VCC e Min IOH e Max
24
34
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
Voltage
VIL e Max VIH e Min
015
03
V
(Note 4)
II
Input Current
Max
VCC e Max
Reset
01
Input Voltage
VI e 55V
A
02
mA
B
02
IIH
High Level Input
VCC e Max
Reset
10
Current
VI e 24V
A20
m
A
B20
IIL
Low Level Input
VCC e Max
Reset
b
018
Current
VI e 03V
A
b
036
mA
B
b
036
IOS
Short Circuit
VCC e Max
b
3
b
15
mA
Output Current
(Note 2)
ICC
Supply Current
VCC e Max (Note 3)
55
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
ICC is measured with all outputs open R0 inputs grounded following momentary connection to 45V and all other inputs grounded
Note 4
QA outputs are tested at IOL e max plus the limit value of IIL for the B input This permits driving the B input while maintaining full fan-out capability
Note 5
TA e 25 C and VCC e 5V
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com