Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC6-R Datasheet(PDF) 2 Page - Recom International Power

Part # REC6-R
Description  6 Watt DIP24 Reinforced Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC6-R Datasheet(HTML) 2 Page - Recom International Power

  REC6-R Datasheet HTML 1Page - Recom International Power REC6-R Datasheet HTML 2Page - Recom International Power REC6-R Datasheet HTML 3Page - Recom International Power REC6-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Input Voltage Range
2:1
Output Voltage Accuracy
±2% max.
Line Regulation
(HL-LL)
±0.3% max.
Load Regulation
(for output load current change from 20% to 100%)
±0.6% max.
Input Surge
(1 minute)
5V types
16V max.
12V types
25V max.
24V types
50V max.
48V types
100V max.
Undervoltage Lockout
(/X1 Versions)
5V types
3.5V typ. (±20%)
12V types
7V typ. (±20%)
24V types
15V typ. (±10%)
48V types
32V typ. (±10%)
Output Ripple and Noise
(0,1µF capacitor on output, 20MHz BW limited)
200mVp-p max.
Transient Response
(25% step change)
1ms typ.
Switching Frequency
(Full load and nominal input voltage)
100kHz min. / 350kHz max.
Input Filter
Pi Network
Capacitors
All types
MLCC capacitors only
Minimum Load
(Operation under no-load will not damage the converter, but it may not meet all specifications)
20% Full Load
No Load Power Consumption
400mW max.
Isolation Voltage
R8-Suffix
(tested for 1 second)
8000VDC
(rated for 1 minute**)
4000VAC / 60Hz
Isolation Voltage
R10-Suffix
(tested for 1 second)
10000VDC
(rated for 1 minute**)
5000VAC / 60Hz
Isolation Capacitance
20pF typ.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
(Max operating temp. = 50°C during short circuit conditions)
Continuous, Auto Restart
Operating Temperature Range
(free air convection)
-40°C to +75°C (see Graph)
Case Temperature
105°C max.
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic
Potting Material
Silicone
Thermal Impedance
Natural convection
20°C/W
Package Weight
14g
Packing Quantity
15 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
953 x103 hours
(+75°C)
using MIL-HDBK 217F
234 x103 hours
EMC
Conducted Emissions
EN55022
Class A
(with 470µF//0.1µF capacitors across input) Radiated Emissions
EN55022
Class A
Reinforced Isolation
Transformer Creepage
/R8 and /R10 Types
4.6 mm min.
Transformer Clearance
/R8 and /R10 Types
2.4 mm min.
PCB Creepage & Clearance
/R8 and /R10 Types
6.0 mm min.
Optocoupler Creepage
/R8 and /R10 Types
6.0 mm min.
External Creepage and Clearance
Plastic Case
Input <> Output pins
14.2 mm min.
Certifications
EN Medical Safety
Report: MDD1207051 + RM1207051
EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
IEC Medical Safety
CB-Report: CA-10168-A1-UL
IEC60601-1 3rd Edition
CSA
Medical Safety
Report: 2202478
C22.2 601-1 2nd Ed.
UL
Medical Safety
E314885-A4
UL 60601-1 3rd Edition
General Safety
Report: 2219431
C22.2 No. 60950-1-03
UL 60950-1 1st Ed.
Recognised as Reinforced Isolation
Supplement to Report: 2219431
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
REC6-S_DRW
/R* Series
ECONOLINE
DC/DC-Converter
} DetailedInformationsee
Application Notes chapter "MTBF"
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer to our Application Notes.
REV: 0/2015
www.recom-power.com
E-154



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com