Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC6-R Datasheet(PDF) 4 Page - Recom International Power

Part # REC6-R
Description  6 Watt DIP24 Reinforced Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC6-R Datasheet(HTML) 4 Page - Recom International Power

  REC6-R Datasheet HTML 1Page - Recom International Power REC6-R Datasheet HTML 2Page - Recom International Power REC6-R Datasheet HTML 3Page - Recom International Power REC6-R Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Package Style and Pinning (mm) DIP 24 (continued)
ECONOLINE
DC/DC-Converter
REC6-S_DRW
/R* Series
“C” Pinning
/R8 & /R10
Bottom View
Top View
12
1 2
13
15
23
24
11
10
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
2.54
2.03
4.1+0.25 /-0.5
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
+Vin
+Vin
10
NC
Com
11
NC
Com
12
–Vout
NC
13
+Vout
–Vout
15
NC
+Vout
23
–Vin
–Vin
24
–Vin
–Vin
NC = No Connection
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
“A” Pinning
/R8 & /R10
Pin Connections
Pin #
Single
Dual
1 (option)
CTRL
CTRL
2
–Vin
–Vin
11
NC
–Vout
14
+Vout
+Vout
16
–Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection
CTRL Option
Vin+
0V
22,23
2
1
CTRL
TTL Input
1kW
REC6-xxxx/CTRL
1N4148
On
Off
ON = Open or 0V< Vctrl <1.2V
OFF = 2.2V< Vctrl <12V
Bottom View
Top View
11
(1) 2
14
16
22
23
CRTL Version only
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
2.54
4.1+0.25 /-0.5
4.60
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-156



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com