Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC8 Datasheet(PDF) 2 Page - Recom International Power

Part # REC8
Description  8 Watt DIP24 & SMD Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC8 Datasheet(HTML) 2 Page - Recom International Power

  REC8 Datasheet HTML 1Page - Recom International Power REC8 Datasheet HTML 2Page - Recom International Power REC8 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Derating-Graph
(Ambient Temperature)
100
60
20
40
100
50
0
-40
71
150
Operating Temperature °C
0
80
Safe Operating Area
4:1
Specifications cont. (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Surge Voltage (100ms max.)
5V Input
15VDC
12V Input
36VDC
24V Input
50VDC
48V Input
100VDC
Isolation Voltage
H2-Suffix and SMD
(tested for 1 second)
2000VDC
(rated for 1 minute**)
1000VAC / 60Hz
H3-Suffix
(tested for 1 second)
3000VDC
(rated for 1 minute**)
1500VAC / 60Hz
Isolation Capacitance
1200pF typ.
Isolation Resistance
1 G
Ω min.
Overload Protection
150% typ.
Short Circuit Protection
Continuous, Auto Restart
Operating Temperature Range
4:1
-40°C to +71°C (see Graph)
2:1- Vin=5V
-40°C to +71°C (see Graph)
(free air convection)
2:1 - All Others
-40°C to +85°C (see Graph)
Remote On/Off
DC/DC ON
Open or 3.5V<Vr<12V
DC/DC OFF
Short or 0V<Vr<1.2V
Storage Temperature Range
-55°C to +105°C
Temperature Coefficient
±0.05% max.
Relative Humidity
95% RH max.
Case Material
Nickel Plated Metal with Non-Conductive Base
Thermal Impedance
Natural convection
12°C/W
Maximum Case Temperature
100°C
Vibration
10-55Hz, 2G, 30mins along X,Y & Z
Package Weight
18g
Packing Quantity
Tube
15 pcs
Tape and Reel
100 pcs
MTBF (+25°C)
using MIL-HDBK 217F
1200 x 103hours
(+71°C)
using MIL-HDBK 217F
>300 x 103hours
Certifications
EN General Safety
Report: SPCLVD1211033-2
EN60950-1:2006 +A12:2011
UL General Safety
Report: E224736
UL 60950-1 1st Ed.
C22.2 No. 60950-1-03
EN Medical Safety
Report: MDD12060585 + RM1206085
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
REC8-S_DRW(Z)/H*/A/M
Series
ECONOLINE
DC/DC-Converter
Detailed Information see
Application Notes chapter "MTBF"
}
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
71
2:1 Vin =5V
2:1 - All Others
2:1 Converters
4:1 Converters
Note: Refer to Application Notes for EMC Class B Filter suggestion
**Any data referred to in this datasheet are of indicative
nature and based on our practical experience only.
For further details, please refer to our Application Notes.
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load (Nominal Vin)
60%
80%
20%
20
60
80
Total Output current (%)
1205S
1212S
REC8-1205SRW/H2/A/M (/SMD)
REC8-1212SRW/H2/A/M (/SMD)
9
Efficiency VS Input Voltage
70
72
74
76
78
80
82
84
86
88
90
Input Voltage (V)
1205
1212
18
12
14
16
10
REV: 1/2015
E-161
www.recom-power.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com