Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC8 Datasheet(PDF) 3 Page - Recom International Power

Part # REC8
Description  8 Watt DIP24 & SMD Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC8 Datasheet(HTML) 3 Page - Recom International Power

  REC8 Datasheet HTML 1Page - Recom International Power REC8 Datasheet HTML 2Page - Recom International Power REC8 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Style and Pinning (mm)
24 PIN DIP Package - Available with /H2 and /H3 Options
24 PIN SMD Package - available with /H2 option only.
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections DIP24
Pin #
Single
Dual
1
CTRL
CTRL
2
–Vin
–Vin
3
–Vin
–Vin
9
NC
Com
11
NC
–Vout
14
+Vout
+Vout
16
– Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
NC = No Connection
19.90
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.64
27.94
26.67
1.54
2.03
Top View
20.30
3.81
6.35
2.54
23.40
Recommended Footprint Details
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections DIP24 SMD
Pin #
Single
Dual
1
CTRL
CTRL
2
–Vin
–Vin
3
–Vin
–Vin
9
NC
Com
11
NC
–Vout
14
+Vout
+Vout
16
– Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
4,5,10,12
NC
13,15,20,21,24
NC
NC = No Connection
Bottom View
Top View
11
9
3
2
14
16
22
23
1
15.24
2.54
1.00ø+0.15/–0
0.50
32.00
10.20
20.30
4.1+0.25 /-0.5
2.03
2.54
REC8-S_DRW(Z)/H*/A/M
Series
ECONOLINE
DC/DC-Converter
Recommended Footprint Details
Recommended Footprint Details
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 1/2015
www.recom-power.com
E-162



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com