Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM8832 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM8832
Description  Charge Pump Regulator for Color TFT Panel
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8832 Datasheet(HTML) 1 Page - Analog Devices

  ADM8832 Datasheet HTML 1Page - Analog Devices ADM8832 Datasheet HTML 2Page - Analog Devices ADM8832 Datasheet HTML 3Page - Analog Devices ADM8832 Datasheet HTML 4Page - Analog Devices ADM8832 Datasheet HTML 5Page - Analog Devices ADM8832 Datasheet HTML 6Page - Analog Devices ADM8832 Datasheet HTML 7Page - Analog Devices ADM8832 Datasheet HTML 8Page - Analog Devices ADM8832 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Charge Pump Regulator
for Color TFT Panel
ADM8832
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
3 output voltages (+5.1 V, +15.3 V, −10.2 V) from one 3 V
input supply
Power efficiency optimized for use with TFT in mobile
phones
Low quiescent current
Low shutdown current (<1 µA)
Fast transient response
Shutdown function
Power saving during blanking period
Option to use external ldo
APPLICATIONS
Handheld instruments
TFT LCD panels
Cellular phones
FUNCTIONAL BLOCK DIAGRAM
LDO
VOLTAGE
REGULATOR
VOLTAGE
DOUBLER
DISCHARGE
C1+
C1–
VOUT
LDO IN
+5VOUT
+5VIN
C2+
C2–
C3+
C3–
+15VOUT
C4+
C4–
–10VOUT
C1
2.2
µF
C6
2.2
µF
C2
1
µF
C7
2.2
µF
+5.1V
C3
1
µF
+15.3V
C8
1
µF
C4
1
µF
–10.2V
C9
1
µF
VOLTAGE
TRIPLER
DOUBLE
TRIPLE
VOLTAGE
INVERTER
CLKIN
SCAN/
BLANK
LDO_ON/
OFF
GND
VCC
TIMING
GENERATOR
CONTROL
LOGIC
SHUTDOWN
CONTROL
OSCILLATOR
ADM8832
C5
2.2
µF
SHDN
Figure 1.
GENERAL DESCRIPTION
The ADM8832 is a charge pump regulator used for color thin
film transistor (TFT) liquid crystal displays (LCD). Using charge
pump technology, the device can be used to generate three
output voltages (+5.1 V ±2%, +15.3 V, −10.2 V) from a single
3 V input supply. These outputs are then used to provide
supplies for the LCD controller (+5.1 V) and the gate drives for
the transistors in the panel (+15.3 V and −10.2 V). Only a few
external capacitors are needed for the charge pumps. An
efficient low dropout voltage regulator also ensures that the
power efficiency is high and provides a low ripple 5.1 V output.
This LDO can be shut down and an external LDO used to
regulate the 5 V doubler output and drive the input to the
charge pump section, which generates the +15.3 V and −10.2 V
outputs if so required by the user.
The ADM8832 has an internal 100 kHz oscillator for use in
scanning mode, but the part must be clocked by an external
clock source in blanking (low current) mode. The internal
oscillator is used to clock the charge pumps during scanning
mode where the current is highest. During blanking periods, the
ADM8832 switches to an external, lower frequency clock. This
allows the user to vary the frequency and maximize power
efficiency during blanking periods. The tolerances on the output
voltages are seamlessly maintained when switching from scan-
ning mode to blanking mode or vice versa.
The ADM8832 power saving features include low power
shutdown and reduced quiescent current consumption during
the blanking periods. The 5.1 V output consumes the most
power, so power efficiency is also maximized on this output
with an oscillator enabling scheme (Green Idle™). This
effectively senses the load current that is flowing and turns on
the charge pump only when charge needs to be delivered to the
5 V pump doubler output.
The ADM8832 is fabricated using CMOS technology for minimal
power consumption. The part is packaged in a 20-lead LFCSP
(lead frame chip scale package).


Similar Part No. - ADM8832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
More results

Similar Description - ADM8832

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
Charge Pump Regulator & COM Driver for Color TFT Panel
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
Charge Pump Regulator for Color TFT Panel
10/03-Data Sheet changed from REV. A to REV. B.
ADM8839 AD-ADM8839 Datasheet
233Kb / 8P
Charge Pump Regulator for Color TFT Panels
2/03 - Data Sheet Changed from Rev. 0 to Rev. A
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832_15 Datasheet
212Kb / 12P
Charge Pump Regulator for Color TFT Panel
REV. A
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
Charge Pump Regulator for Color TFT Panels
REV. C
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com