Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-0512S/H6 Datasheet(PDF) 1 Page - Recom International Power

Part # RK-0512S/H6
Description  1 Watt SIP7 Single and Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RK-0512S/H6 Datasheet(HTML) 1 Page - Recom International Power

  RK-0512S/H6 Datasheet HTML 1Page - Recom International Power RK-0512S/H6 Datasheet HTML 2Page - Recom International Power RK-0512S/H6 Datasheet HTML 3Page - Recom International Power RK-0512S/H6 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECO-1
REV.: 1/2015
www.recom-power.com
1 Watt
SIP7
Single and Dual
Output
DC/DC Converter
Features
Unregulated
Converters
• high 6.4kVDC Isolation
• wide Operating Temperature Range from -40°C to +90°C
without derating
• high capacitive load capability
• Continuous Short Circuit Protection
• Built-in EN55022 Class A Filter
• Efficiency up to 80%
RK/H6 & RH/H6
Description
The RK/H6 and RH/H6 series 1W DC/DC converters feature high 6.4kVDC isolation and an extended
operating temperature range up to +90°C without derating, yet are lower cost than standard high
isolation converters. They are suitable for demanding industrial and high isolation test and measurement
applications.
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage Range
Voltage
Current
typ.
Load (1)
(VDC)
(VDC)
(mA)
(%)
(µF)
RK-xx3.3S/H6
5, 12, 15, 24
3.3
303
71-74
1000
RK-xx05S/H6
5, 12, 15, 24
5
200
74-77
1000
RK-xx12S/H6
5, 12, 15, 24
12
84
77-79
220
RK-xx15S/H6
5, 12, 15, 24
15
66
77-80
220
RH-xx3.3D/H6
5, 12, 15, 24
±3.3
±152
73-74
±330
RH-xx05D/H6
5, 12, 15, 24
±5
±100
74-77
±330
RH-xx12D/H6
5, 12, 15, 24
±12
±42
77-80
±100
RH-xx15D/H6
5, 12, 15, 24
±15
±33
78-80
±100
3 YEAR
warranty
3
Notes:
Note1: Max. capacitive load is tested at nominal input voltage and full load.
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
±10%
Start-up Time
Vin nominal, full load
20ms
Operating Frequency
Vin nominal, full load
80kHz
Minimum Load
0%
Output Ripple and Noise
Vin nominal, 20MHz BW limited
60mVp-p
120mVp-p
continued on next page
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
IEC60950-1 (Pending)
UL60950-1 (Pending)


Similar Part No. - RK-0512S/H6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RK-0512S RECOM-RK-0512S Datasheet
111Kb / 3P
1Watt SIP7 Single & Dual Output
RK-0512S RECOM-RK-0512S Datasheet
111Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RK-0512SHP RECOM-RK-0512SHP Datasheet
111Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RK-0512SP RECOM-RK-0512SP Datasheet
111Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RK-0512S/H6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
1 Watt SIP7 Single & Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
1 Watt SIP7 & DIP14 Single & Dual Output
RK-1.81.8S RECOM-RK-1.81.8S_06 Datasheet
111Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505S RECOM-RY-0505S_06 Datasheet
102Kb / 3P
1 Watt SIP7 & DIP14 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
RB-XX3.3S RECOM-RB-XX3.3S Datasheet
126Kb / 3P
1 Watt SIP7 Single & Dual Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
1 Watt SIP7 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
1 Watt SIP7 Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com