Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RK-0512S/H6 Datasheet(PDF) 3 Page - Recom International Power

Part # RK-0512S/H6
Description  1 Watt SIP7 Single and Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RK-0512S/H6 Datasheet(HTML) 3 Page - Recom International Power

  RK-0512S/H6 Datasheet HTML 1Page - Recom International Power RK-0512S/H6 Datasheet HTML 2Page - Recom International Power RK-0512S/H6 Datasheet HTML 3Page - Recom International Power RK-0512S/H6 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Converter
Specifications (measured at TA= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
RK/H6 & RH/H6
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
free air convection, without derating (see graph)
-40°C to +90°C
Operating Humidity
non-condensing
5% - 95% RH max.%
MTBF (+25°C)
(+85°C)
according to MIL-HDBK-217F, full load
14919 x 10³ hours
9468 x 10³ hours
Derating Graph
SAFETY AND CERTIFICATIONS
Certificate Type
Report / File Number
Standard
Ul General Safety
(pending)
UL60950-1, 2nd Edition
IEC General Safety
(pending)
IEC60950-1, 2nd Edition
EMI Compliance
Condition
Standard / Criterion
EMC Conducted and Radiated
no external filter necessary
only with external filter (see suggestions)
EN55022, Class A
EN55022, Class B
ECO-3
REV.: 1/2015
www.recom-power.com
DC
DC
C2
L1
RK-xxyyS/H6 + RH-xxyyS/H6
C1
C2
L1 Vin
10µF 470pF/8kVDC 10µH 5V
4.7µF 470pF/8kVDC 22µH 12V
4.7µF 470pF/8kVDC 22µH 15V
10µF 470pF/8kVDC 47µH 24V
DC
DC
C1
C1
C2
Fuse
Fuse
L1
C1 = MLCC
L1 = SMD Inductor
+Vin
-Vin
+Vin
-Vin
+Vout
Com
-Vout
+Vout
-Vout
EMC Filtering - Suggestions for Class B
100
80
60
40
20
0
-40
0
50
100
90 95
150
Ambient Temperature (°C)
Safe Operating Area



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com