Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8705BYLFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8705BYLFT
Description  ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8705BYLFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8705BYLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
8705BY
www.icst.com/products/hiperclocks.html
REV. G JUNE 16, 2004
6
Integrated
Circuit
Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
CLOCK GENERATOR
TABLE 4D. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = VDDO = 2.5V±5%, TA = 0°C
TO
70°C
TABLE 4F. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 2.5V±5%, TA = 0°C
TO
70°C
TABLE 4E. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = VDDA = VDDO = 2.5V±5%, TA = 0°C
TO
70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
7
3
.
25
.
25
2
6
.
2V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
7
3
.
25
.
25
2
6
.
2V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
9A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
5
1A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
0
2A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
L
E
S
_
K
L
C
,
L
E
S
_
L
L
P
,
3
L
E
S
,
2
L
E
S
,
1
L
E
S
,
0
L
E
S
R
M
,
N
I
_
B
F
2V
D
D
3
.
0
+V
0
K
L
C2
V
D
D
3
.
0
+V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
L
E
S
_
K
L
C
,
L
E
S
_
L
L
P
,
3
L
E
S
,
2
L
E
S
,
1
L
E
S
,
0
L
E
S
R
M
,
N
I
_
B
F
3
.
0
-8
.
0V
0
K
L
C3
.
0
-3
.
1V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
L
E
S
_
K
L
C
,
0
K
L
C
,
N
I
_
B
F
,
R
M
3
L
E
S
,
2
L
E
S
,
1
L
E
S
,
0
L
E
S
V
D
D
V
=
N
I
V
5
2
6
.
2
=0
5
1A
µ
L
E
S
_
L
L
PV
D
D
V
=
N
I
V
5
2
6
.
2
=5
A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
L
E
S
_
K
L
C
,
0
K
L
C
,
N
I
_
B
F
,
R
M
3
L
E
S
,
2
L
E
S
,
1
L
E
S
,
0
L
E
S
V
D
D
V
,
V
5
2
6
.
2
=
N
I
V
0
=5
-A
µ
L
E
S
_
L
L
PV
D
D
V
,
V
5
2
6
.
2
=
N
I
V
0
=0
5
1
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
8
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
.
0V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
D
D
,
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
h
t
n
I
.
2
/
.
e
r
u
g
i
f
"
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
V
5
.
2
"
e
e
s
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
1
K
L
CV
D
D
V
=
N
I
V
5
2
6
.
2
=0
5
1A
µ
1
K
L
C
nV
D
D
V
=
N
I
V
5
2
6
.
2
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
1
K
L
CV
D
D
V
,
V
5
2
6
.
2
=
N
I
V
0
=5
-A
µ
1
K
L
C
nV
D
D
V
,
V
5
2
6
.
2
=
N
I
V
0
=0
5
1
-A
µ
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
2
,
1
E
T
O
N
5
.
0
+
D
N
GV
D
D
5
8
.
0
-V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
NV
H
I .
s
i
1
K
L
C
n
,
1
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
V
D
D
.
V
3
.
0
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com