Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8705BYLFT Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8705BYLFT
Description  ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8705BYLFT Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8705BYLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 10Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 11Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 12Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 13Page - Integrated Circuit Systems ICS8705BYLFT Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8705BY
www.icst.com/products/hiperclocks.html
REV. G JUNE 16, 2004
10
Integrated
Circuit
Systems, Inc.
ICS8705
ZERO DELAY, DIFFERENTIAL-TO-LVCMOS/LVTTL
CLOCK GENERATOR
APPLICATION INFORMATION
FIGURE 2. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS8705 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 1 illustrates how
a 10
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
DDA.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
µF
.01
µF
3.3V
.01
µF
V
DD
Figure 2 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
CC/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
CC = 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
V_REF
R1
1K
C1
0.1u
R2
1K
Single Ended Clock Input
CLK
nCLK
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com