Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4668LD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4668LD
Description  10W High-Efficiency Mono BTL Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4668LD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4668LD Datasheet HTML 1Page - National Semiconductor (TI) LM4668LD Datasheet HTML 2Page - National Semiconductor (TI) LM4668LD Datasheet HTML 3Page - National Semiconductor (TI) LM4668LD Datasheet HTML 4Page - National Semiconductor (TI) LM4668LD Datasheet HTML 5Page - National Semiconductor (TI) LM4668LD Datasheet HTML 6Page - National Semiconductor (TI) LM4668LD Datasheet HTML 7Page - National Semiconductor (TI) LM4668LD Datasheet HTML 8Page - National Semiconductor (TI) LM4668LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM4668
10W High-Efficiency Mono BTL Audio Power Amplifier
General Description
The LM4668 is a high efficiency switching audio power
amplifier primarily designed for demanding applications in
flat panel monitors and TV’s. It is capable of delivering 6W to
an 8
Ω mono BTL load with less than 1% distortion (THD+N)
from a 12V
DC power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4668 features a micro-power,
active-low shutdown mode, an internal thermal shutdown
protection mechanism, and short circuit protection.
The LM4668 contains advanced transient (“pop and click”)
suppression circuitry that eliminates noises that would oth-
erwise occur during turn-on and turn-off transitions.
Key Specifications
j Power Output BTL (VDD = 14V,
f
IN = 1kHz, THD+N = 10%, RL =8
Ω)
10W (typ)
j Quiescent Power Supply Current
30mA (typ)
j Efficiency (VDD = 12V, fIN = 1kHz,
R
L =8
Ω,P
OUT = 6W)
79% (typ)
j Shutdown Current
0.15mA (typ)
j Fixed Gain
30dB (typ)
Features
n
Soft-start circuitry eliminates noise during turn-on
transition
n
Low current shutdown mode
n
Low quiescent current
n
6W BTL output, R
L =8
Ω
n
Short circuit protection
n
Fixed, internally set gain of 30dB
Applications
n
Flat Panel Monitors
n
Flat Panel TVs
n
Computer Sound Cards
Connection Diagrams
LD Package
MH Package
20089102
Top View
Order Number LM4668LD
See NS Package Number LDC14A
200891G3
Top View
Order Number LM4668MH
See NS Package Number MXA20A
Boomer® is a registered trademark of National Semiconductor Corporation.
October 2004
© 2004 National Semiconductor Corporation
DS200891
www.national.com


Similar Part No. - LM4668LD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4663MT NSC-LM4663MT Datasheet
606Kb / 10P
2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
Filterless High Efficiency 1W Switching Audio Amplifier
logo
Texas Instruments
LM4665 TI1-LM4665 Datasheet
1Mb / 28P
LM4665 Filterless High Efficiency 1W Switching Audio Amplifier
More results

Similar Description - LM4668LD

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
Integrated Circuit 1W BTL Mono Audio Amplifier
NTE7052 NTE-NTE7052 Datasheet
26Kb / 3P
Integrated Circuit Mono BTL Audio Amplifier, 3W
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
1 W BTL mono audio amplifier
July 1994
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
3 W mono BTL audio output amplifier
May 1992
logo
Panasonic Semiconductor
AN7161NFP PANASONIC-AN7161NFP Datasheet
225Kb / 4P
BTL High Audio Power Amplifier
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
National Semiconductor ...
LM4680 NSC-LM4680 Datasheet
754Kb / 11P
10W High-Efficiency Mono BTL Audio Power Amplifier
logo
Sanyo Semicon Device
LA4919N SANYO-LA4919N Datasheet
79Kb / 6P
Monolithic Linear IC Two-Channel 10W BTL High-Efficiency TV Audio Output Power Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
3 W Mono BTL Audio Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com